Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 75 Page - Texas Instruments

Back Button LM93 Datasheet HTML 71Page - Texas Instruments LM93 Datasheet HTML 72Page - Texas Instruments LM93 Datasheet HTML 73Page - Texas Instruments LM93 Datasheet HTML 74Page - Texas Instruments LM93 Datasheet HTML 75Page - Texas Instruments LM93 Datasheet HTML 76Page - Texas Instruments LM93 Datasheet HTML 77Page - Texas Instruments LM93 Datasheet HTML 78Page - Texas Instruments LM93 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
If a TACH channel is bound to a PWM channel, TACH errors on that channel are automatically masked
when the bound PWM is at 0% duty cycle or performing spin-up. Behavior is undefined if a TACH channel
is bound to both PWM outputs. This register must be setup when Smart Tach Mode is enabled in register
BDh, Special Function Control 2.
3.17.8.24 Register E2h
LM93 Status Control
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
LM93 Status/
BMC
HOST
TACH_EDGE
GPI5_A
GPI4_AM
ASF
OVRID
E2h
R/W
00h
Control
_ERR
_ERR
M
Lock
Bit
Name
R/W
Description
0
OVRID
R/W
If this bit is set, all PWM outputs go to 100% duty cycle.
X
1
ASF
R/W
If this bit is set, BMC error registers support ASF, i.e. reset on read. When
not in ASF mode, a write “1” is required to clear the bits in the BMC error
status registers.
2
GPI4_AM
R/W
GPI4 Auto Mask Enable
If this bit is set, an error event on GPI4 causes all other error events to be
masked.
The BMC Error Status registers do not reflect any new error events until the
GPI4_ERR bit is cleared in the B_GPI Error Status register. The HOST Error
Status registers do not reflect any new error events until the GPI4_ERR bit
is cleared in the H_GPI Error Status register.
If a CPU_THERMTRIP signal is connected to GPIO4, this ensures that
unwanted error events do not fire once CPU_THERMTRIP is asserted.
3
GP15_AM
R/W
GPI5 Auto Mask Enable
This bit works exactly the same as GPI4_AM, but applies to GPI5.
5:4
TACH_EDGE
R/W
This field determines what type of edges are used for measuring fan tach
pulses. This effects all four tachometer inputs.
6
HOST_ERR
R
This bit gets set if any error bit is set in any of the Host Error Status registers
(H_).
7
BMC_ERR
R
This bit gets set if any error bit is set in any of the BMC Error Status
registers (B_). When this bit is set, ALERT are asserted if enabled.
SPACER
Edge Type Used for
TACH_EDGE
Tachometer Measurements
0h
Either rising or falling edges may be
used.
1h
Rising edges only
2h
Falling edges only
3h
Reserved
3.17.8.25 Register E3h
LM93 Configuration
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
LM93
RES
P1P2_
ALERT
GMSK
LOCK
START
E3h
R/W
Configura
READY
PROCHO
_EN
00h
tion
T
Lock
Bit
Name
R/W
Description
x
0
START
R/W
When this bit is 0, the LM93 operates in basic mode. All error events are
masked. The auto fan control algorithm is disabled. Both PWMs are set to
0%, but the Fan Boost function operates based on default limits. All
monitoring functions are active and the value registers are updated.
Once this bit is set, error events are no longer globally masked, and the
auto-fan control algorithm is enabled. Fan boost uses the programmed
values instead of the defaults.
It is expected that all limit and setup registers are set by BIOS or application
software prior to setting this bit.
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
75
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com