Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 87 Page - Texas Instruments

Back Button LM93 Datasheet HTML 83Page - Texas Instruments LM93 Datasheet HTML 84Page - Texas Instruments LM93 Datasheet HTML 85Page - Texas Instruments LM93 Datasheet HTML 86Page - Texas Instruments LM93 Datasheet HTML 87Page - Texas Instruments LM93 Datasheet HTML 88Page - Texas Instruments LM93 Datasheet HTML 89Page - Texas Instruments LM93 Datasheet HTML 90Page - Texas Instruments LM93 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Revisio
Date
Change
n
F
March 27, 2013
Changed layout of National Data Sheet to TI Format
2.0
April 12, 2004
1.
Updated Registers 80–83h
Fan Boost Temperature Registers, changed "If set to 80h, the
feature is disabled." to "If set to 7Fh and the fan control temperature resolution is 1°C, the feature
is disabled."
2.
Updated DC Electrical Characteristics, Thermal Diode Source Current typical specifications,
changed: "170" to 188" and "10.625" to "11.75".
3.
Updated DC Electrical Characteristics, added Thermal Diode Current Ratio typical specification.
4.
Updated Absolute Maximum Ratings, replaced Soldering Information with note.
1.2
February 22,
1.
Typographical changes
2004
1.1
December 22,
1.
Typographical changes
2004
1.0
November 11,
1.
Final data sheet initial release
2003
Copyright © 2003–2013, Texas Instruments Incorporated
Electrical Specifications
87
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com