Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM93 Datasheet HTML 12Page - Texas Instruments LM93 Datasheet HTML 13Page - Texas Instruments LM93 Datasheet HTML 14Page - Texas Instruments LM93 Datasheet HTML 15Page - Texas Instruments LM93 Datasheet HTML 16Page - Texas Instruments LM93 Datasheet HTML 17Page - Texas Instruments LM93 Datasheet HTML 18Page - Texas Instruments LM93 Datasheet HTML 19Page - Texas Instruments LM93 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
3.9
PROCHOT BACKGROUND INFORMATION
PROCHOT is an output from a processor that indicates that the processor has reached a predetermined
temperature trip point. At this trip point the processor can be programmed to lower its internal operating
frequency and/or lower its supply voltage by changing the value of the 6 bit VID that it supplies to the
VRD. The final VID setting and the rate at which it transitions to the new VID is programmable within the
processor.
If PROCHOT is 100% throttled, it does not mean that the CPU is not executing, but it may mean that the
CPU is about to encounter a thermal trip if the processor temperature continues to rise.
PROCHOT is also an input to some processors so that an external controller can force a thermal throttle
based on external events.
PROCHOT is no longer asserted by the processor when the temperature drops below the predefined
thermal trip point.
Oscillation around the trip point is avoided by the processor by requiring that the temperature be
above/below the trip point for a predetermined period of time. A counter inside the processor is used to
track this time and it has to be incremented to a max count for an above temperature trip and
decremented to zero when below the trip temperature setting, to remove the trip.
The minimum time for PROCHOT assertion is time dependant on the FSB frequency. The minimum time
that the processor asserts PROCHOT is estimated to be 187 µs.
3.10 PROCHOT MONITORING
PROCHOT monitoring applies to both the P1_PROCHOT and P2_PROCHOT inputs. Both inputs are
monitored in the same fashion, but the following description discusses a single monitor. (Px_PROCHOT
represents both P1_PROCHOT and P2_PROCHOT).
PROCHOT monitoring is meant to achieve two goals. One goal is to measure the percentage of time that
PROCHOT is asserted over a programmable time period. The result of this measurement can be read
from an 8-bit register where one LSB equals 1/256th of the PROCHOT Time Interval (0.39%). The second
goal is to have a status register that indicates, as a coarse percentage, the amount of time a processor
has been throttled. This second goal is required in order to communicate information over the NIC using
ASF, i.e. status can be sent, not values.
To achieve the first goal, the PROCHOT input is monitored over a period of time as defined by the
PROCHOT Time Interval Register. At the end of each time period, the 8-bit measurement is transferred to
the Current Px_PROCHOT register. Also at the end of each measurement period, the Current
Px_PROCHOT register value is moved to the Average Px_PROCHOT register by adding the new value to
the old value and dividing the result by 2. Note that the value that is averaged into the Average
Px_PROCHOT register is not the new measurement but rather the previous measurement. If the SMBus
writes to the Current P1_PROCHOT (or Current P2_PROCHOT) register, the capture cycle restarts for
both monitoring channels (P1_PROCHOT and P2_PROCHOT). Also note, that a strict average of two 8-
bit values may result in Average Px_PROCHOT reflecting a value that is one LSB lower than the Current
Px_PROCHOT in steady state.
It should be noted that the 8-bit result has a positive bias of one half of an LSB. This is necessary
because a value of 00h represents that Px_PROCHOT was not asserted at all during the sampling
window. Any amount of throttling results in a reading of 01h.
The following table demonstrates the mapping for the 8-bit result:
SPACER
16
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com