Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM93 Datasheet HTML 25Page - Texas Instruments LM93 Datasheet HTML 26Page - Texas Instruments LM93 Datasheet HTML 27Page - Texas Instruments LM93 Datasheet HTML 28Page - Texas Instruments LM93 Datasheet HTML 29Page - Texas Instruments LM93 Datasheet HTML 30Page - Texas Instruments LM93 Datasheet HTML 31Page - Texas Instruments LM93 Datasheet HTML 32Page - Texas Instruments LM93 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
1
2
3
4
5
6
7
8
9
10
11
12
13
S
Slave
W
A
Fixed
A
S
Slave
R
A
Byte
A
Data
A
Data
/A
P
Address
Block
Address
Count
Byte 1
Byte N
Command
(N)
Code
(F2h–FDh)
Special Notes:
1. The LM93 returns 00h when address locations outside of normal address space are read.
2. Block reads do not wrap around from address FFh to 00h.
3. If the master acknowledges more bytes that it requested, the LM93 continues to supply data until the
master does not acknowledge a byte.
4. If the master does not acknowledges a byte to prematurely abort a block read, the LM93 gets off the
bus to allow the master to issue a STOP signal.
3.15.5.4.6 I2C Block Reads
The LM93 supports I2C block reads. The following sequence of events occur in this transaction:
1. The master sends a START to start this transaction .
2. The master send 7-bit slave address followed by a write bit (low).
3. The slave asserts an ACK.
4. The master sends the register address and the slave asserts an ACK.
5. The master sends a repeated START.
6. The master sends the 7-bit slave address followed by a read bit (high).
7. The slave asserts an ACK.
8. The master receives Data Byte 1 and asserts an ACK.
9. The master continues to receive bytes and asserting an ACK for each byte received.
10. The master receives the last byte.
11. The master asserts a NACK.
12. The master issues a STOP.
SPACER
1
2
3
4
5
6
7
8
9
10
11
12
S
Slave
W
A
Register
A
S
Slave
R
A
Data
A
Data
A
Data
/A
P
Address
Address
Address
Byte 1
Byte 2
Byte N
Special Notes:
1. The LM93 returns 00h when address locations outside of normal address space are read.
2. Block reads do not wrap around from address FFh to 00h.
3. If the master acknowledges more bytes that it requested, the LM93 continues to supply data until the
master does not acknowledge a byte.
4. If the master does not acknowledges a byte to prematurely abort a block read, the LM93 gets off the
bus to allow the master to issue a STOP signal.
3.15.6 READING AND WRITING 16-BIT REGISTERS
Whenever the low byte of a 16-bit register is read, the high byte is frozen. After the high byte is read, it is
unfrozen. This ensures that the entire 16-bit value is read properly and the high byte matches with the low
byte. If the low byte of a different 16-bit register is read, the currently frozen high byte is unfrozen and the
high byte of the new 16-bit register is frozen. In a system with two SMBus masters, it is very important that
only one master reads any 16-bit registers at a time. One possible method to achieve this would involve
using 16-bit SMBus reads (instead of two separate 8-bit reads) to read 16-bit registers.
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
29
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com