Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 69 Page - Texas Instruments

Back Button LM93 Datasheet HTML 65Page - Texas Instruments LM93 Datasheet HTML 66Page - Texas Instruments LM93 Datasheet HTML 67Page - Texas Instruments LM93 Datasheet HTML 68Page - Texas Instruments LM93 Datasheet HTML 69Page - Texas Instruments LM93 Datasheet HTML 70Page - Texas Instruments LM93 Datasheet HTML 71Page - Texas Instruments LM93 Datasheet HTML 72Page - Texas Instruments LM93 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
PHT_DC
Asserted Period
0h
5 clocks
1h
10 clocks
2h
15 clocks
3h
20 clocks
4h
25 clocks
5h
30 clocks
6h
35 clocks
7h
40 clocks
8h
45 clocks
9h
50 clocks
Ah
55 clocks
Bh
60 clocks
Ch
65 clocks
Dh
70 clocks
Eh
75 clocks
Fh
80 clocks
3.17.8.12 Register C7h
PROCHOT Time Interval
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
PROCHO
P1_TI
T
C7h
R/W
P2_TI
11h
Time
Interval
Bit
Name
R/W
Description
3:0
P1_TI
R/W
Sets the monitoring interval for P1_PROCHOT
7:4
P2_TI
R/W
Sets the monitoring interval for P2_PROCHOT
Possible settings for P1_TI and P2_TI:
SPACER
Monitoring Time Interval
P1_TI or P2_TI
(seconds)
0h
0.73
1h
1.46
2h
2.9
3h
5.8
4h
11.7
5h
23.3
6h
46.6
7h
93.2
8h
186
9h
372
Ah–Fh
Reserved
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
69
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com