Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM93 Datasheet HTML 29Page - Texas Instruments LM93 Datasheet HTML 30Page - Texas Instruments LM93 Datasheet HTML 31Page - Texas Instruments LM93 Datasheet HTML 32Page - Texas Instruments LM93 Datasheet HTML 33Page - Texas Instruments LM93 Datasheet HTML 34Page - Texas Instruments LM93 Datasheet HTML 35Page - Texas Instruments LM93 Datasheet HTML 36Page - Texas Instruments LM93 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 95 page
background image
0
_
25
_
50
_
75
100
_
125
_
0
_
25
_
50
_
75
_
100
_
125
DIODE TEMPERATURE (°C)
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Temperature errors are masked by writing a high temperature limit value of 80h. This is the default high
limit for all temperatures. Masking a temperature channel masks both temperature errors and diode fault
errors.
The GPI Mask register allows GPI errors to be masked. Any bits that are set in this register mask events
for the corresponding GPIO_x pin.
User PROCHOT status is not really an error but it can be used to notify the user of processor throttling
past a preset USER limit. A user limit of FFh acts as the mask for this register. Error bits associated with
the predefined PROCHOT thresholds cannot be masked. It is important to note though, that these error
bits do not cause BMC_ERR, HOST_ERR, or ALERT to be asserted under any condition.
Fan tach errors are masked if the tach limit for the given tach is set to FFh .
SCSI_TERMx errors and VRDx_HOT errors can be masked by setting the appropriate bit in the VRD
THERMTRIP and SCSI_TERM Error Mask register.
When the LM93 powers up, the ALERT output is disabled. The ALERT output can be enabled by setting
the ALERT_EN bit in the LM93 Configuration register.
In addition the manual masking options, the LM93 also masks some errors depending on the sleep state
of the system. The sleep state of the system is communicated to the LM93 by writing to the Sleep State
Control register. Some types of error events are always masked in certain sleep modes. Some types of
error events are optionally masked in certain sleep modes if their sleep mask register bit is set. Refer to
the Register Descriptions for more information.
3.16.8 LAYOUT AND GROUNDING
Analog components such as voltage dividers should be physically located as close as possible to the
LM93.
The LM93 bypass capacitors, the parallel combination of 100 pF, 10 µF (electrolytic or tantalum) and 0.1
µF (ceramic) bypass capacitors must be connected between power pin (pin 39) and ground, and should
be located as close as possible to the LM93. The 100 pF capacitor should be placed closest to the power
pin.
3.16.9 THERMAL DIODE APPLICATION
To measure temperature external to the LM93, we need to use a remote discrete diode to sense the
temperature of external objects or ambient air. Remember that the temperature of a discrete diode is
effected, and often dominated, by the temperature of its leads.
Most silicon diodes do not lend themselves well to this application. It is recommended that a MMBT3904
transistor type base emitter junction be used with the collector tied to the base.
Figure 3-3. Thermal Diode Temperature vs. LM93 Temperature Reading
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
33
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com