Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 3 Page - Texas Instruments

  LM93 Datasheet HTML 1Page - Texas Instruments LM93 Datasheet HTML 2Page - Texas Instruments LM93 Datasheet HTML 3Page - Texas Instruments LM93 Datasheet HTML 4Page - Texas Instruments LM93 Datasheet HTML 5Page - Texas Instruments LM93 Datasheet HTML 6Page - Texas Instruments LM93 Datasheet HTML 7Page - Texas Instruments LM93 Datasheet HTML 8Page - Texas Instruments LM93 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 95 page
background image
CONFIGURATION AND
IDENTIFICATION
REGISTERS
8-bit
6' ADC
VOLTAGE
REFERENCE
INPUT
ATTENUATORS,
EXTERNAL DIODE
SIGNAL
CONDITIONING,
AND
ANALOG
MULTIPLEXER
ADDRESS POINTER
REGISTER
STEPPING AND
DEVICE ID
REGISTERS
INTERNAL TEMP
SENSOR
3.3SBY (AD_IN 16)
AD_IN2(1.236V)*
AD_IN3(1.236V)*
AD_IN10(6.67V)
VDD
SERIAL BUS
INTERFACE
SMBDAT
Address Select
PROCHOT AND VRD_HOT
DETECT/CONTROL
LOGIC
P1_PROCHOT
DYNAMIC VCCP MONITORING
REMOTE1+
REMOTE1-
REMOTE2-
REMOTE2+
AD_IN12(2.625V)
AD_IN13(1.312V)
AD_IN14(1.312V)
AD_IN1(1.236V)*
AD_IN4(1.6V)
AD_IN5(2V)
AD_IN6(2V)
AD_IN9(4.4V)
*Note: These pins may be used for ±12V with external
resistor dividers. The thevenin equivalent resistance at
the pin must be between 1k and 7k.
P2_VID0
P2_VID5
P1_VID0
P1_VID5
AD_IN8(1.6V;P2_Vccp)
AD_IN7(1.6V;P1_Vccp)
AD_IN11(3.33V)
SMBCLK
FAN TACH/GPIO/
SCSI_TERM
GPIO_0/TACH1
GPIO_1/TACH2
GPIO_2/TACH3
GPIO_3/TACH4
GPIO_4
GPIO_5
P2_PROCHOT
P1_VRD_HOT
P2_VRD_HOT
ALERT/XtestOut
RESET#
AD_IN15(1.236V)*
VALUE REGISTERS
LIMIT REGISTERS
HOST STATUS REGISTERS
BMC STATUS REGISTERS
SETUP REGISTERS
FAN CONTROL LOOKUP
TABLE
SLEEP STATE CONTROL AND
MASK REGISTERS
GPI AND OTHER MASK
REGISTERS
TEMPERATURE
READING DIGITAL
FILTER
PWM
FAN
CONTROL
PWM1
PWM2
GPIO_6
GPIO_7
SCSI TERM1
SCSI TERM2
+
-
VREF
VREF (2.5V)
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
2
Device Information
2.1
Block Diagram
2.2
Application
Baseboard management of a Dual processor server. Two LM93s may be required to manage a quad
processor baseboard. The block diagram of LM93 hardware is illustrated below. The hardware
implementation is a single chip ASIC solution.
Copyright © 2003–2013, Texas Instruments Incorporated
Device Information
3
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com