Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 83 Page - Texas Instruments

Back Button LM93 Datasheet HTML 79Page - Texas Instruments LM93 Datasheet HTML 80Page - Texas Instruments LM93 Datasheet HTML 81Page - Texas Instruments LM93 Datasheet HTML 82Page - Texas Instruments LM93 Datasheet HTML 83Page - Texas Instruments LM93 Datasheet HTML 84Page - Texas Instruments LM93 Datasheet HTML 85Page - Texas Instruments LM93 Datasheet HTML 86Page - Texas Instruments LM93 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
DC Electrical Characteristics (continued)
The following limits apply for +3.0 VDC to +3.6 VDC, unless otherwise noted. Bold face limits apply for TA = TJ over TMIN to
TMAX of the operating range; all other limits TA = TJ = 25°C unless otherwire noted. TA is the ambient temperature of the
LM93; TJ is the junction temperature of the LM93; TD is the junction temperature of the thermal diode.
Typical
Limits
Units
Symbol
Parameter
Conditions
(1)
(2)
(Limits)
ANALOG-TO-DIGITAL VOLTAGE MEASUREMENT CONVERTER CHARACTERISTICS
TUE(1)
Total Unadjusted Error (2)
% of FS
±2
(max)
DNL
Differential Non-Linearity
±1
LSB
PSS
Power Supply (VDD) Sensitivity
%/V (of
±1
FS)
TC
Total Monitoring Cycle Time
100
ms (max)
Input Resistance for Inputs with Dividers
200
140
k
Ω (min)
AD_IN1- AD_IN3 and AD_IN15 Analog Input Leakage
60
nA (max)
Current (3)
REFERENCE OUTPUT (VREF) CHARACTERISTICS
Tolerance
±1
% (max)
VREF
Output Voltage (4)
2.525
V (max)
2.500
2.475
V (min)
Load Regulation
ISOURCE = −2 mA
0.1
%
ISINK = 2 mA
DIGITAL OUTPUTS: PWM1, PWM2
IOL
Current Sink
8
mA (min)
VOL
Output Low Voltage
IOUT = 8.0 mA
0.4
V (max)
DIGITAL OUTPUTS: ALL
VOL
Output Low Voltage (Note excessive current flow
IOUT = 4.0 mA
0.4
V (min)
causes self-heating and degrades the internal
IOUT = 6 mA
0.55
V (min)
temperature accuracy.)
IOH
High Level Output Leakage Current
VOUT = VDD
0.1
10
µA (max)
IOTMAX
Maximum Total Sink Current for all Digital Outputs
32
mA (max)
Combined
CO
Digital Output Capacitance
20
pF
DIGITAL INPUTS: ALL
VIH
Input High Voltage Except Address Select
2.1
V (min)
VIL
Input Low Voltage Except Address Select
0.8
V (max)
VIH
Input High Voltage for Address Select
90% VDD
V (min)
VIM
Input Mid Voltage for Address Select
43% VDD
V (min)
57% VDD
V (max)
VIL
Input Low Voltage for Address Select
10% VDD
V (max)
VHYST
DC Hysteresis
0.3
V
IIH
Input High Current
VIN = VDD
−10
µA (min)
IIL
Input Low Current
VIN = 0V
10
µA (max)
CIN
Digital Input Capacitance
20
pF
DIGITAL INPUTS: P1_VIDx, P2_VIDx, GPIO_7, GPIO_6, GPIO_5, GPIO_4 (When respective bit set in Register BEh GPI/VID Level
Control)
VIH
Alternate Input High Voltage (AGTL+ Compatible)
0.8
V (min)
VIL
Alternate Input Low Voltage (AGTL+ Compatible)
0.4
V (max)
(1)
TUE (Total Unadjusted Error) includes Offset, Gain and Linearity errors of the ADC.
(2)
Total Monitoring Cycle Time includes all temperature and voltage conversions.
(3)
Leakage current approximately doubles every 20 °C.
(4)
A total digital I/O current of 40mA can cause 6mV of offset in Vref.
Copyright © 2003–2013, Texas Instruments Incorporated
Electrical Specifications
83
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com