Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 5 Page - Texas Instruments

  LM93 Datasheet HTML 1Page - Texas Instruments LM93 Datasheet HTML 2Page - Texas Instruments LM93 Datasheet HTML 3Page - Texas Instruments LM93 Datasheet HTML 4Page - Texas Instruments LM93 Datasheet HTML 5Page - Texas Instruments LM93 Datasheet HTML 6Page - Texas Instruments LM93 Datasheet HTML 7Page - Texas Instruments LM93 Datasheet HTML 8Page - Texas Instruments LM93 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Table 2-1. Pin Descriptions(1)
Symbol
Pin #
Type
Function
GPIO_0/TACH1
1
Digital I/O (Open-Drain) Can be configured as fan tach input or a general purpose open-drain digital
I/O.
GPIO_1/TACH2
2
Digital I/O (Open-Drain) Can be configured as fan tach input or a general purpose open-drain digital
I/O.
GPIO_2/TACH3
3
Digital I/O (Open-Drain) Can be configured as fan tach input or a general purpose open-drain digital
I/O.
GPIO_3/TACH4
4
Digital I/O (Open-Drain) Can be configured as fan tach input or a general purpose open-drain digital
I/O..
GPIO_4 /
5
Digital I/O (Open-Drain) A general purpose open-drain digital I/O. Can be configured to monitor a
P1_THERMTRIP
CPU's THERMTRIP signal to mask other errors.
GPIO_5 /
6
Digital I/O (Open-Drain) A general purpose open-drain digital I/O. Can be configured to monitor a
P2_THERMTRIP
CPU's THERMTRIP signal to mask other errors.
GPIO_6
7
Digital I/O (Open-Drain) Can be used to detect the state of CPU1 IERR or a general purpose open-
drain digital I/O
GPIO_7
8
Digital I/O (Open-Drain) Can be used to detect the state of CPU2 IERR or a general purpose open-
drain digital I/O
VRD1_HOT
9
Digital Input
CPU1 voltage regulator HOT
VRD2_HOT
10
Digital Input
CPU2 voltage regulator HOT
SCSI_TERM1
11
Digital Input
SCSI Channel 1 termination fuse. Could also be used as a general purpose
input to trigger an error event.
SCSI_TERM2
12
Digital Input
SCSI Channel 2 termination fuse. Could also be used as a general purpose
input to trigger an error event.
SMBDAT
13
Digital I/O (Open-Drain) Bidirectional System Management Bus Data. Output configured as 5V
tolerant open-drain. SMBus 2.0 compliant.
SMBCLK
14
Digital Input
System Management Bus Clock. Driven by an open-drain output, and is 5V
tolerant. SMBus 2.0 Compliant.
ALERT/XtestOut
15
Digital Output (Open-
Open-drain ALERT output used in an interrupt driven system to signal that an
Drain)
error event has occurred. Masked error events do not activate the ALERT
output. When in XOR tree test mode, functions as XOR Tree output.
RESET
16
Digital I/O (Open-Drain) Open-drain reset output when power is first applied to the LM93. Used as a
reset for devices powered by 3.3V stand-by. After reset, this pin becomes a
reset input. See RESET INPUT/OUTPUT for more information.
AGND
17
GROUND Input
Analog Ground
VREF
18
Analog Output
2.5V used for external ADC reference, or as a VREF reference voltage
REMOTE1
−
19
Remote Thermal
This is the negative input (current sink) from the CPU1 thermal diode.
Diode_1- Input (CPU 1
Connected to THERMDC pin of Pentium processor or the emitter of a diode
THERMDC)
connected MMBT3904 NPN transistor. Serves as the negative input into the
A/D for thermal diode voltage measurements. A 100 pF capacitor is optional
and can be connected between REMOTE1
− and REMOTE1+.
REMOTE1+
20
Remote Thermal
This is a positive connection to the CPU1 thermal diode. Serves as the
Diode_1+ I/O (CPU1
positive input into the A/D for thermal diode voltage measurements. It also
THERMDA)
serves as a current source output that forward biases the thermal diode.
Connected to THERMDA pin of Pentium processor or the base of a diode
connected MMBT3904 NPN transistor. A 100 pF capacitor is optional and
can be connected between REMOTE1
− and REMOTE1+.
REMOTE2
−
21
Remote Thermal
This is the negative input (current sink) from the CPU2 thermal diode.
Diode_2 - Input (CPU2
Connected to THERMDC pin of Pentium processor or the emitter of a diode
THERMDC)
connected MMBT3904 NPN transistor. Serves as the negative input into the
A/D for thermal diode voltage measurements. A 100 pF capacitor is optional
and can be connected between REMOTE2
− and REMOTE2+.
REMOTE2+
22
Remote Thermal
This is a positive connection to the CPU2 thermal diode. Serves as the
Diode_2 + I/O (CPU2
positive input into the A/D for thermal diode voltage measurements. It also
THERMDA)
serves as a current source output that forward biases the thermal diode.
Connected to THERMDA pin of Pentium processor or the base of a diode
connected MMBT3904 NPN transistor. A 100 pF capacitor is optional and
can be connected between REMOTE2
− and REMOTE2+.
AD_IN1
23
Analog Input (+12V1)
Analog Input for +12V Rail 1 monitoring, for CPU1 voltage regulator. External
attenuation resistors required such that 12V is attenuated to 0.927V.
(1)
The overscore indicates the signal is active low (“Not”).
Copyright © 2003–2013, Texas Instruments Incorporated
Device Information
5
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com