Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM93 Datasheet HTML 5Page - Texas Instruments LM93 Datasheet HTML 6Page - Texas Instruments LM93 Datasheet HTML 7Page - Texas Instruments LM93 Datasheet HTML 8Page - Texas Instruments LM93 Datasheet HTML 9Page - Texas Instruments LM93 Datasheet HTML 10Page - Texas Instruments LM93 Datasheet HTML 11Page - Texas Instruments LM93 Datasheet HTML 12Page - Texas Instruments LM93 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
3
Functional Description
The LM93 provides 16 channels of voltage monitoring, two remote thermal diode monitors, an onboard
ambient temperature sensor, 2 PROCHOT monitors, 4 fan tachometers, 8 GPIOs, THERMTRIP monitor
for masking error events, 2 SCSI_TERM inputs, and all the associated limit registers on a single chip,
which communicates to the rest of the baseboard over the System Management Bus (SMBus).
Readings from both the external thermal diodes and the internal temperature sensor are made available
as an 8-bit two's-complement digital byte with the LSB representing 1°C.
All but 4 of the analog inputs include internal scaling resistors. External scaling resistors are required for
measuring ±12V. The inputs are converted to 8-bit digital values such that a nominal voltage appears at ¾
scale for positive voltages and ¼ scale for negative voltages. The analog inputs are intended to be
connected to both baseboard resident VRDs and to standard voltage rails supplied by a SSI compliant
power supply.
The LM93 provides a number of internal registers, which are detailed in the Registers section of this
document.
3.1
MONITORING CYCLE TIME
When the LM93 is powered up, it cycles through each temperature measurement followed by the analog
voltages in sequence, and it continuously loops through the sequence. The total monitoring cycle time is
not more than 100 ms, as this is the time period that most external micro-controllers require to read the
register values.
Each measured value is compared to values stored in the limit registers. When the measured value
violates the programmed limit, a corresponding status bit in the B_ and H_Error Status Registers is set.
The PROCHOT and dynamic VID/Vccp monitoring is performed independently of the analog and
temperature monitoring cycle.
3.2
ΣΔ A/D INHERENT AVERAGING
The
ΣΔ A/D architecture filters the input signal. During one conversion many samples are taken of the
input voltage and these samples are effectively averaged to give the final result. The output of the
ΣΔ A/D
is the average value of the signal during the sampling interval. For a voltage measurement, the samples
are accumulated for 1.5 ms. For a temperature measurement, the samples are accumulated for 8.4 ms.
3.3
TEMPERATURE MONITORING
The LM93 remote diode target is the embedded thermal diode found in a Xeon class processor. In some
cases instead of using the embedded thermal diode, found on the Xeon processor, a diode connected
2N3904 transistor type can also be used. An example of this would be a MMBT3904 with its collector and
base tied to the thermal diode REMOTE+ pin and the emitter tied to the thermal diode REMOTE
− pin.
Since the MMBT3904 is a surface mount device and has very small thermal mass, it measures the board
temperature where it is mounted. The non-ideality and series resistance varies for different diodes. Since
the LM93 is optimized for the Xeon processor, when measuring a 2N3904 transistor an offset in the error
band of approximately
−4°C may be observed. This can be corrected for by programming the appropriate
Zone Adjustment Offset register.
The LM93 acquires temperature data from three different sources:
2 external diodes (embedded in a processor or discrete)
1 internal diode (internal to the LM93)
In addition to these three temperatures, a fourth temperature can be externally written into the LM93 from
the SMBus. This value can be used to control fans, or compared against limits, etc. The temperature value
registers are located at addresses 50h–53h. The temperature sources are referred to as “zones” for
convenience:
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
9
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com