Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 71 Page - Texas Instruments

Back Button LM93 Datasheet HTML 67Page - Texas Instruments LM93 Datasheet HTML 68Page - Texas Instruments LM93 Datasheet HTML 69Page - Texas Instruments LM93 Datasheet HTML 70Page - Texas Instruments LM93 Datasheet HTML 71Page - Texas Instruments LM93 Datasheet HTML 72Page - Texas Instruments LM93 Datasheet HTML 73Page - Texas Instruments LM93 Datasheet HTML 74Page - Texas Instruments LM93 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Bit
Name
R/W
Description
3:0
SU_DC
R/W
This field sets the duty cycle that will be used whenever PWM1 experiences a Spin-
Up cycle. This field accepts 16 possible values that are mapped to duty cycles
according the table in the Auto-Fan Control section. Setting this field to 0h will
effectively disable Spin-Up.
4
RES
R
Reserved
7:5
SU_DUR
R/W
Sets the Spin-Up duration for PWM1.
Bits 7:5 configure the spin-up duration. When the duty cycle of PWM1 changes from zero to a non-zero
value, the spin-up sequence is activated for the specified amount of time. The available settings are
defined according to this table:
SPACER
SU_DUR
Spin-Up Time
0h
Spin-up disabled
1h
100 ms
2h
250 ms
3h
400 ms
4h
700 ms
5h
1000 ms
6h
2000 ms
7h
4000 ms
3.17.8.16 Register CBh
Special Function PWM1 Control 4
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Special
RES
RES
RES
RES
FREQ1
Function
CBh
R/W
RES
00h
PWM1
Control 4
Bit
Name
R/W
Description
2:0
FREQ1
R/W
PWM1 frequency control. Setting this value controls the frequency of the PWM1
output according to the table below.
7:3
RES
R
Reserved
SPACER
Frequency of PWM1
FREQ1 or FREQ2
or PWM2 (Hz)
0h
22500
1h
96
2h
84
3h
72
4h
60
5h
48
6h
36
7h
12
3.17.8.17 Register CCh
PWM2 Control 1
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
PWM2
VRD1
PH2
PH1
ZN4
ZN3
ZN2
ZN1
CCh
R/W
VRD2
0Fh
Control 1
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
71
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com