Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM93 Datasheet HTML 28Page - Texas Instruments LM93 Datasheet HTML 29Page - Texas Instruments LM93 Datasheet HTML 30Page - Texas Instruments LM93 Datasheet HTML 31Page - Texas Instruments LM93 Datasheet HTML 32Page - Texas Instruments LM93 Datasheet HTML 33Page - Texas Instruments LM93 Datasheet HTML 34Page - Texas Instruments LM93 Datasheet HTML 35Page - Texas Instruments LM93 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
Channel #
Input
Typical Assignment
1
Temp Zone 1
Remote Diode 1 Temp Reading
2
Temp Zone 2
Remote Diode 2 Temp Reading
3
Temp Zone 3
Internal Temperature Reading
4
AIN1
+12V1
5
AIN2
+12V2
6
AIN3
+12V3
7
AIN4
FSB_Vtt
8
AIN5
3GIO/PXH/MCH_Core
9
AIN6
ICH_Core
10
AIN7
CPU_1Vccp
11
AIN8
CPU2_Vccp
12
AIN9
3.3V
13
AIN10
+5V
14
AIN11
SCSI_Core
15
AIN12
Mem_Core
16
AIN13
Mem_Vtt
17
AIN14
GBIT_Core
18
AIN15
−12V
19
AIN16
3.3V SB VDD Supply Rail
3.16.6 ERROR STATUS REGISTERS
The LM93 contains several error status registers for the BMC side, and duplicated error status registers
for the Host side. These registers are used to reflect the state of all the possible error conditions that the
LM93 monitors.
The BMC/Host Error Status registers hold a set bit until the event is cleared by software, even if the
condition causing the error event goes away.
To clear a bit in the Error Status registers, a ‘1’ has to be written to the specific bit that is required to be
cleared. If the event that caused the error is no longer active then the bit is cleared.
Clearing a bit in a BMC Error Status register does not clear the corresponding bit in the Host Error Status
register or vise versa.
3.16.6.1 ASF Mode
In order for the LM93 part to act as a legacy sensor (6.1.2 of ASF spec DSP0114 rev 2) and to easily bolt
up to the SMBus of an ASF capable NIC chip, the treatment of the Error Status registers needs to change.
The LM93 can be placed into ASF mode by setting the appropriate bit in the LM93 Status/Control register.
Once this bit is set, the BMC Error Status registers become read-to-clear. Writing a ‘1’ to clear a particular
bit is also allowed in ASF mode. The Host Error Status registers are not effected by ASF mode.
3.16.7 MASKING, ERROR STATUS AND ALERT
Masking is always applied to bits in the HOST and BMC Error Status registers. If an event is masked, the
corresponding error bit in the HOST or BMC Error Status registers is prevented from ever being set. As a
result, this prevents the event from ever causing ALERT to be asserted. Masking an event does not clear
its associated Error Status bit if it is currently set.
Voltage errors are masked by writing a high voltage limit value of FFh. This is the default high limit for all
voltages.
32
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com