Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM93 Datasheet HTML 34Page - Texas Instruments LM93 Datasheet HTML 35Page - Texas Instruments LM93 Datasheet HTML 36Page - Texas Instruments LM93 Datasheet HTML 37Page - Texas Instruments LM93 Datasheet HTML 38Page - Texas Instruments LM93 Datasheet HTML 39Page - Texas Instruments LM93 Datasheet HTML 40Page - Texas Instruments LM93 Datasheet HTML 41Page - Texas Instruments LM93 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
SPACER
4-Bit Value
Step
22.5 kHz (High Frequency)
Duty Cycle
0h
0.00%
1h
1
25.00%
2h
2
31.25%
3h
3
37.50%
4h
4
43.75%
5h
5
50.00%
6h
6
56.25%
7h
7
62.50%
8h
8
68.75%
9h
9
75.00%
Ah
10
81.25%
Bh
11
87.50%
Ch
12
93.75%
Dh
13
100.00%
Eh
—
Reserved
Fh
—
Reserved
3.16.10.5 Alternate PWM Frequencies
The PWM output can operate at lower frequencies, instead of the default 22.5 kHz. The alternate lower
frequencies can be enabled through the PWMx Control 4 registers. When operating in the lower frequency
mode, the mapping between step numbers and duty cycles changes. This effects the auto fan control and
all LM93 registers that describe a duty cycle using a 4-bit value.
The low frequency PWM output duty cycle mapping is listed in the following table:
SPACER
4-Bit Value
Step
Low Frequencies
Duty Cycle
0h
0%
1h
1
25.00%
2h
2
28.57%
3h
3
32.14%
4h
4
35.71%
5h
5
39.29%
6h
6
42.86%
7h
7
46.43%
8h
8
50.00%
9h
9
53.57%
Ah
10
57.14%
Bh
11
71.43%
Ch
12
85.71%
Dh
13
100.00%
Eh
—
Reserved
Fh
—
Reserved
38
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com