Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 82 Page - Texas Instruments

Back Button LM93 Datasheet HTML 78Page - Texas Instruments LM93 Datasheet HTML 79Page - Texas Instruments LM93 Datasheet HTML 80Page - Texas Instruments LM93 Datasheet HTML 81Page - Texas Instruments LM93 Datasheet HTML 82Page - Texas Instruments LM93 Datasheet HTML 83Page - Texas Instruments LM93 Datasheet HTML 84Page - Texas Instruments LM93 Datasheet HTML 85Page - Texas Instruments LM93 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
4.2
Operating Ratings
(1) (2)
Operating Temperature Range
0°C
≤ TA ≤ +85°C
Nominal Supply Voltage
3.3V
Supply Voltage Range (VDD)
+3.0V to +3.6V
VID0-VID5
−0.05V to +5.5V
Digital Input Voltage Range
−0.05V to (VDD + 0.05V)
Package Thermal Resistance (3)
79°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the DC
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise noted.
(3)
The maximum power dissipation must be de-rated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX − TA) / θJA. The θJAfor the LM93 when mounted to 1
oz. copper foil PCB the
θJA with different air flow is listed in the following table.
Air Flow
Junction to Ambient Thermal Resistance,
θJA
0 m/s
79 °C/W
1.14 m/s (225 LFPM)
62 °C/W
2.54 m/s (500 LFPM)
52 °C/W
4.3
DC Electrical Characteristics
The following limits apply for +3.0 VDC to +3.6 VDC, unless otherwise noted. Bold face limits apply for TA = TJ over TMIN to
TMAX of the operating range; all other limits TA = TJ = 25°C unless otherwire noted. TA is the ambient temperature of the
LM93; TJ is the junction temperature of the LM93; TD is the junction temperature of the thermal diode.
Typical
Limits
Units
Symbol
Parameter
Conditions
(1)
(2)
(Limits)
POWER SUPPLY CHARACTERISTICS
Power Supply Current
Converting, Interface and
2
3
mA (max)
Fans Inactive, Peak Current
Converting, Interface and
Fans Inactive, Average
0.9
mA
Current
Power-On Reset Threshold Voltage
1.6
V (min)
2
2.7
V (max)
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
Local Temperature Accuracy Over Full Range
0°C TA ≤85°C
±2
±3
°C (max)
TA = +55°C
±1
±2.8
°C (max)
Local Temperature Resolution
1
°C
Remote Thermal Diode Temperature Accuracy Over
0°C
≤ TA ≤ 85°C
Full Range; targeted for a typical Prescott processor
and 25°C
≤ TD ≤ 100°C
±3
°C (max)
(3)
Remote Thermal Diode Temperature Accuracy;
0°C
≤ TA ≤ 85°C
±1
°C
targeted for a typical Prescott processor (3)
and 25°C
≤ TD ≤ 70°C
Remote Temperature Resolution
1
°C
Thermal Diode Source Current
High Level
188
280
µA (max)
Low Level
11.75
µA
Thermal Diode Current Ration
16
TC
Total Monitoring Cycle Time
100
ms (max)
(1)
Typical parameters are at TJ = TA = 25 °C and represent most likely parametric norm.
(2)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(3)
When measuring an MMBT3904 transistor, 4 °C should be subracted from all temperature readings.
82
Electrical Specifications
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com