Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM93 Datasheet HTML 35Page - Texas Instruments LM93 Datasheet HTML 36Page - Texas Instruments LM93 Datasheet HTML 37Page - Texas Instruments LM93 Datasheet HTML 38Page - Texas Instruments LM93 Datasheet HTML 39Page - Texas Instruments LM93 Datasheet HTML 40Page - Texas Instruments LM93 Datasheet HTML 41Page - Texas Instruments LM93 Datasheet HTML 42Page - Texas Instruments LM93 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
3.16.10.6 Fan Control Priorities
The automatic fan control is not the only function that influences PWM duty cycle. There are several other
functions that influence the PWM duty cycle. All the functions can be classified into several categories:
SPACER
Category #
Category Name
1
PWM to 100% conditions
2
VRDx_HOT ramp-up/ramp-down
3
PROCHOT ramp-up/ramp-down function
4
Manual PWM Override
5
Fan Spin-Up Control
6
Automatic Fan Control Algorithm
The ultimate PWM duty cycle that is chosen can be described by the following formula:
If (Manual PWM Override is active)
PWM = max(1,2,3,4)
Else
PWM = max(1,2,3,5,6)
So in general, categories 1, 2 and 3 are always active. In addition to that, either category 4 or categories 5
and 6 are active depending on whether manual override is enabled. In this sense the manual override,
when enabled, replaces category 5 and 6.
3.16.10.7 PWM to 100% Conditions
There are several conditions that cause the duty cycles of all PWM outputs to immediately get set to
100%. They are:
1. Any of the four temperature zones has exceeded the programmed Fan Boost Limit setting but has not
yet cooled down enough to drop below the hysteresis point.
2. The OVRID bit is set in the LM93 Status/Control.
3.16.10.8 VRDx_HOT Ramp-Up/Ramp-Down
This function causes the duty cycle of the PWM outputs to gradually increase over time if VRD1_HOT or
VRD2_HOT are asserted.
When VRDx_HOT is asserted, the ramp function is enabled. The enabling process involves two steps:
1. The current duty cycle being requested by other PWM functions is memorized.
2. The ramp function immediately adds one PWM duty cycle step to the memorized value and requests
this duty cycle.
Once the function is enabled, it gradually adds additional duty cycle steps every X milliseconds whenever
VRDx_HOT is asserted (X is programmable via the PWM Ramp Control register). If VRDx_HOT remains
asserted for a long enough time, the duty cycle eventually reaches 100%.
Whenever VRDx_HOT is de-asserted, the ramp function begins to ramp down by subtracting one PWM
duty cycle step every X milliseconds. If VRDx_HOT is currently de-asserted, and the ramp function is less
than to the PWM duty cycle being requested by other functions, the ramp function is disabled.
As long as the function is enabled, it continues to ramp up or ramp down depending on the state of
VRDx_HOT. The ramp enabling process described above can only re-occur after the ramp function has
been disabled. Rapid assertion/de-assertion of VRDx_HOT does not trigger the enabling process unless
VRDx_HOT was de-asserted long enough for the ramp function to disable itself.
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
39
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com