Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM93 Datasheet HTML 36Page - Texas Instruments LM93 Datasheet HTML 37Page - Texas Instruments LM93 Datasheet HTML 38Page - Texas Instruments LM93 Datasheet HTML 39Page - Texas Instruments LM93 Datasheet HTML 40Page - Texas Instruments LM93 Datasheet HTML 41Page - Texas Instruments LM93 Datasheet HTML 42Page - Texas Instruments LM93 Datasheet HTML 43Page - Texas Instruments LM93 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
This ramp function operates independently for VRD1_HOT and VRD2_HOT. In addition, the ramp function
only applies to the PWM(s) that are bound to one or two VRDx_HOT inputs. Depending on the bindings, it
is possible that up to four independent ramp functions are active at any given moment:
PWM1/VRD1
PWM1/VRD2
PWM2/VRD1
PWM2/VRD2
If a PWM is bound to both VRD1_HOT and VRD2_HOT, then two ramp functions are active for that PWM
output. In this case the duty cycle that is used is the maximum of the two ramp functions.
3.16.10.9 PROCHOT Ramp-Up/Ramp-Down
This function is very similar to the VRDx_HOT ramp-up/ramp-down function. The PWM duty cycle ramps
up in the same fashion whenever the PROCHOT measurement exceeds the user programmed threshold.
Once a new PROCHOT measurement is made that no longer exceeds the user limit, the PWM will begin
to ramp down.
Just as with the VRDx_HOT ramp function, the PROCHOT ramp function uses independent bindings to
determine which PWM outputs should be effected by each PROCHOT input (P1_PROCHOT or
P2_PROCHOT).
If a PWM is bound to both P1_PROCHOT and P2_PROCHOT, two PROCHOT ramp functions could be
active at the same time. In this case the duty cycle that is used is the maximum of the two ramp functions.
3.16.10.10 Manual PWM Override
When a PWM channel is configured for manual PWM override, software can manually control the PWM
duty cycle. There are some PWM control functions that could still cause the duty cycle to be higher than
the manual setting. See the Fan Control Priorities for details.
3.16.10.11 Fan Spin-Up Control
All of the other PWM control functions are combined to produce a final duty cycle that is actually used for
the PWM output. If this final value changes from zero to a non-zero value, the Fan Spin-Up Control
function is triggered. Once triggered, the Fan Spin-Up Control requests the programmed duty cycle for a
programmed period of time.
3.16.11 XOR TREE TEST
An XOR tree is provided in the LM93 for Automated Test Equipment (ATE) board level connectivity
testing. This allows the functionality of all digital inputs to be tested in a simple manner and any pins that
are non-functional or shorted together to be identified. When the test mode is enabled by setting the ‘XEN’
bit in the XOR Test register, the part enters XOR test mode.
The following signals are included in the XOR test tree:
SPACER
Px_VIDy
GPIO_x
PWMx
Px_PROCHOT
VRDx_HOT
SCSI_TERMx
RESET
40
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com