Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 64 Page - Texas Instruments

Back Button LM93 Datasheet HTML 60Page - Texas Instruments LM93 Datasheet HTML 61Page - Texas Instruments LM93 Datasheet HTML 62Page - Texas Instruments LM93 Datasheet HTML 63Page - Texas Instruments LM93 Datasheet HTML 64Page - Texas Instruments LM93 Datasheet HTML 65Page - Texas Instruments LM93 Datasheet HTML 66Page - Texas Instruments LM93 Datasheet HTML 67Page - Texas Instruments LM93 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
3.17.8 SETUP REGISTERS
3.17.8.1 Register BCh
Special Function Control 1 (Voltage Hysteresis and Fan Control Filter Enable)
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Special
FCFE2
LCFE2
LCFE1
VH
BCh
R/W
Function
RES
FCFE1
00h
Control 1
Bit
Name
R/W
Description
2:0
VH
R/W
Voltage hysteresis control. This determines the amount of hysteresis to be applied to all
voltage limit comparisons. It applies to both high and low limits. One LSB equals one A/D
count, so the actual voltage represented by one LSB depends on the voltage channel.
3
LCFE1
R/W
Limit Comparison Filter Enable. Setting this bit causes limit comparisons for temperature
zone 1 to use the filtered (spike smoothed) temperature instead of the unfiltered
temperature.
4
LCFE2
R/W
Limit Comparison Filter Enable. Setting this bit causes limit comparisons for temperature
zone 2 to use the filtered (spike smoothed) temperature instead of the unfiltered
temperature.
5
FCFE1
R/W
Fan Control Filter Enable. Setting this bit causes fan control functions for zone 1 (including
fan boost) to use the filtered (spike smoothed) temperature instead of the unfiltered
temperature.
6
FCFE2
R/W
Fan Control Filter Enable. Setting this bit causes fan control functions for zone 2 (including
fan boost) to use the filtered (spike smoothed) temperature instead of the unfiltered
temperature.
7
RES
R
Reserved
In order for the LCFE1, LCFE2, FCFE1 and FCFE2 bits to work correctly, the ZN1E and ZN2E bits in the
Zones 1/2 Spike Smoothing Control register should be cleared.
Application Note: If hysteresis for voltage limit comparisons is non-zero, special care needs to be taken
when changing the voltage limit registers while a voltage error condition exists. If software relaxes the
voltage limits in an attempt to prevent an error condition, it may be necessary to relax the limits by an
amount greater than the hysteresis value and wait several milliseconds before attempting to clear the error
status bit for the given voltage channel. Once the error status bit has been cleared, the desired limit(s) can
be programmed.
3.17.8.2 Register BDh
Special Function Control 2 (Smart Tach Mode Enable and Fan Control
Temperature Resolution Control)
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Special
RES
ZN12
STE4
STE3
STE2
STE1
ZN34
BDh
R/W
Function
RES
_RS
00h
_RS
Control 2
Bit
Name
R/W
Description
0
STE1
R/W
Enable Smart Tach for Tach 1
1
STE2
R/W
Enable Smart Tach for Tach 2
2
STE3
R/W
Enable Smart Tach for Tach 3
3
STE4
R/W
Enable Smart Tach for Tach 4
4
ZN12_RS
R/W
When this bit is set, the auto fan control will use 0.5°C of resolution for zones 1 and
2
5
ZN34_RS
R/W
When this bit is set, the auto fan control will use 0.5°C of resolution for zones 3 and
4
6
RES
R
Reserved
7
RES
R
Reserved
64
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com