Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 57 Page - Texas Instruments

Back Button LM93 Datasheet HTML 53Page - Texas Instruments LM93 Datasheet HTML 54Page - Texas Instruments LM93 Datasheet HTML 55Page - Texas Instruments LM93 Datasheet HTML 56Page - Texas Instruments LM93 Datasheet HTML 57Page - Texas Instruments LM93 Datasheet HTML 58Page - Texas Instruments LM93 Datasheet HTML 59Page - Texas Instruments LM93 Datasheet HTML 60Page - Texas Instruments LM93 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
3.17.6.5 Register 68h
Average P1_PROCHOT
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Average
68h
R
P1_PRO
7
6
5
4
3
2
1
0
N/D
CHOT
This is the average percentage active time of P1_PROCHOT. It is the result of adding the contents of this
register to the contents of the Current P1_PROCHOT register and dividing the result by 2. The update
occurs at the same time that the Current P1_PROCHOT register gets updated. A register value of one
represents anything greater than 0% but less than 0.39% of active time.
3.17.6.6 Register 69h
Current P2_PROCHOT
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Current
69h
R
P2_PRO
7
6
5
4
3
2
1
0
00h
CHOT
This is the value of the PROCHOT percentage active time for Processor 2 at the end of each PROCHOT
monitoring interval as set by the PROCHOT Time Interval register. Writing to this register does not effect
the register contents, but does restart the capture cycle for both PROCHOT channels (P1_PROCHOT and
P2_PROCHOT). A register value of one represents anything greater than 0% but less than 0.39% of
active time.
SPACER
Register Value (Decimal)
Percentage Active Time
0
0%
1
0.39%
2
0.78%
•
•
•
•
•
•
n
n/256*100
255
99.60%
3.17.6.7 Register 6Ah
Average P2_PROCHOT
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Average
6Ah
R
P2_PRO
7
6
5
4
3
2
1
0
N/D
CHOT
This is the average percentage active time of P2_PROCHOT. It is the result of adding the contents of this
register to the contents of the Current P2_PROCHOT register and dividing the result by 2. The update
occurs at the same time that the Current P2_PROCHOT register gets updated. A register value of one
represents anything greater than 0% but less than 0.39% of active time.
3.17.6.8 Register 6Bh
GPI State
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
6Bh
R
GPI State
GPI7
GPI6
GP15
GPI4
GPI3
GPI2
GPI1
GPI0
N/D
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
57
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com