Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LM93 Datasheet HTML 41Page - Texas Instruments LM93 Datasheet HTML 42Page - Texas Instruments LM93 Datasheet HTML 43Page - Texas Instruments LM93 Datasheet HTML 44Page - Texas Instruments LM93 Datasheet HTML 45Page - Texas Instruments LM93 Datasheet HTML 46Page - Texas Instruments LM93 Datasheet HTML 47Page - Texas Instruments LM93 Datasheet HTML 48Page - Texas Instruments LM93 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Lock
Register Name
Address
Default
Description
FAN Tach 3 Limit MSB
B9h
FFh
FAN Tach 3 Limit MSB
FAN Tach 4 Limit LSB
BAh
FCh
FAN Tach 4 Limit LSB
FAN Tach 4 Limit MSB
BBh
FFh
FAN Tach 4 Limit MSB
SETUP REGISTERS
x
Special Function Control 1
BCh
00h
Controls the hysteresis for voltage limit comparisons. Also selects
filtered or unfiltered temperature usage for temperature limit
comparisons and fan control.
x
Special Function Control 2
BDh
00h
Enables smart tach detection. Also selects 0.5°C or 1.0°C resolution
for fan control.
x
GPI / VID Level Control
BEh
00h
Control the input threshold levels for the P1_VIDx, P2_VIDx and
GPIO_x inputs.
x
PWM Ramp Control
BFh
00h
Controls the ramp rate of the PWM duty cycle when VRDx_HOT is
asserted, as well as the ramp rate when PROCHOT exceeds the
user threshold.
x
Fan Boost Hysteresis (Zones 1/2)
C0h
44h
Fan Boost Hysteresis for zones 1 and 2
x
Fan Boost Hysteresis (Zones 3/4)
C1h
44h
Fan Boost Hysteresis for zones 3 and 4
x
Zones 1/2 Spike Smoothing Control
C2h
00h
Configures Spike Smoothing for zones 1 and 2
x
Zones 1/2 MinPWM and Hysteresis
C3h
N/D
Controls MinPWM and hysteresis setting for zones 1 and 2 auto-fan
control
x
Zones 3/4 MinPWM and Hysteresis
C4h
N/D
Controls MinPWM and hysteresis setting for zones 3 and 4 auto-fan
control
GPO
C5h
00h
Controls the output state of the GPIO pins
PROCHOT Override
C6h
00h
Allows manual assertion of P1_PROCHOT or P2_PROCHOT
PROCHOT Time Interval
C7h
11h
Configures the time window over which the PROCHOT inputs are
measured
x
PWM1 Control 1
C8h
0Fh
Controls PWM control source bindings.
x
PWM1 Control 2
C9h
00h
Controls PWM override and output polarity
x
PWM1 Control 3
CAh
00h
Controls PWM spin-up duration and duty cycle
x
PWM1 Control 4
CBh
00h
Frequency control for PWM1.
x
PWM2 Control 1
CCh
0Fh
Controls PWM control source bindings.
x
PWM2 Control 2
CDh
00h
Controls PWM override and output polarity
x
PWM2 Control 3
CEh
00h
Controls PWM spin-up duration and duty cycle
x
Special FunctionPWM2 Control 4
CFh
00h
Frequency control for PWM2
x
Zone 1 Base Temperature
D0h
N/D
Base temperature to which look-up table offset is applied for Zone 1
x
Zone 2 Base Temperature
D1h
N/D
Base temperature to which look-up table offset is applied for Zone 2
x
Zone 3 Base Temperature
D2h
N/D
Base temperature to which look-up table offset is applied for Zone 3
x
Zone 4 Base Temperature
D3h
N/D
Base temperature to which look-up table offset is applied for Zone 4
x
Step 2 Temp Offset
D4h
N/D
Step 2 Zone 1/2 and Zone 3/4 Offset Temperatures
x
Step 3 Temp Offset
D5h
N/D
Step 3 Zone 1/2 and Zone 3/4 Offset Temperatures
x
Step 4 Temp Offset
D6h
N/D
Step 4 Zone 1/2 and Zone 3/4 Offset Temperatures
x
Step 5 Temp Offset
D7h
N/D
Step 5 Zone 1/2 and Zone 3/4 Offset Temperatures
x
Step 6 Temp Offset
D8h
N/D
Step 6 Zone 1/2 and Zone 3/4 Offset Temperatures
x
Step 7 Temp Offset
D9h
N/D
Step 7 Zone 1/2 and Zone 3/4 Offset Temperatures
x
Step 8 Temp Offset
DAh
N/D
Step 8 Zone 1/2 and Zone 3/4 Offset Temperatures
x
Step 9 Temp Offset
DBh
N/D
Step 9 Zone 1/2 and Zone 3/4 Offset Temperatures
x
Step 10 Temp Offset
DCh
N/D
Step 10 Zone 1/2 and Zone 3/4 Offset Temperatures
x
Step 11 Temp Offset
DDh
N/D
Step 11 Zone 1/2 and Zone 3/4 Offset Temperatures
x
Step 12 Temp Offset
DEh
N/D
Step 12 Zone 1/2 and Zone 3/4 Offset Temperatures
x
Step 13 Temp Offset
DFh
N/D
Step 13 Zone 1/2 and Zone 3/4 Offset Temperatures
x
Special Function TACH to PWM
E0h
00h
Controls the tachometer input to PWM output binding
Binding
Reserved
E1
N/D
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
45
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com