Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 70 Page - Texas Instruments

Back Button LM93 Datasheet HTML 66Page - Texas Instruments LM93 Datasheet HTML 67Page - Texas Instruments LM93 Datasheet HTML 68Page - Texas Instruments LM93 Datasheet HTML 69Page - Texas Instruments LM93 Datasheet HTML 70Page - Texas Instruments LM93 Datasheet HTML 71Page - Texas Instruments LM93 Datasheet HTML 72Page - Texas Instruments LM93 Datasheet HTML 73Page - Texas Instruments LM93 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
Note that changing this value while PROCHOT measurements are running may cause the monitoring
circuit to produce a erroneous value. To avoid alerts and invalid B_Px_PROCHOT or B_Px_PROCHOT
Error Status values, only change this value while the chip is programmed for S3 or S4/5.
3.17.8.13 Register C8h
PWM1 Control 1
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
PWM1
VRD1
PH2
PH1
ZN4
ZN3
ZN2
ZN1
C8h
R/W
VRD2
0Fh
Control 1
Bit
Name
R/W
Description
0
ZN1
R/W
If set, PWM1 will be bound to temperature zone 1.
1
ZN2
R/W
If set, PWM1 will be bound to temperature zone 2.
2
ZNE
R/W
If set, PWM1 will be bound to temperature zone 3.
3
ZN4
R/W
If set, PWM1 will be bound to temperature zone 4.
4
PH1
R/W
If set, PWM1 will be bound to P1_PROCHOT.
5
PH2
R/W
If set, PWM1 will be bound to P2_PROCHOT.
6
VRD1
R/W
If set, PWM1 will be bound to VRD1_HOT1.
7
VRD2
R/W
If set, PWM1 will be bound to VRD1_HOT2.
This register can bind PWM1 to several different control sources. The temperature zones control the PWM
duty cycle using the table lookup function. The Px_PROCHOT and VRDx_HOT inputs control the PWM
using the ramp up/ramp down functions. If multiple control sources are bound to PWM1, the largest duty
cycle being requested will be used.
3.17.8.14 Register C9h
PWM1 Control 2
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
PWM1
PL
EPPL
INV
OVR
C9h
R/W
OVR_DC
00h
Control 2
Bit
Name
R/W
Description
0
OVR
R/W
When set, enables manual duty cycle override for PWM1.
1
INV
R/W
Invert PWM1 output. When 0, 100% duty cycle corresponds to the PWM output
continuously HIGH. When 1, 100% duty cycle corresponds to the PWM output
continuously LOW.
2
EPPL
R/W
Enable PROCHOT PWM1 lock. When set, this bit causes bound PROCHOT events
on PWM1 to trigger PPL (bit [3]). When cleared, PPL never gets set.
3
PPL
R/W
PROCHOT PWM1 lock. When set, this bit indicates that PWM1 is currently being
held at 100% because a bound PROCHOT event occurred while EPPL (bit [2]) was
set. This bit is cleared by writing a zero. Clearing this bit allows the fans to return to
normal operation. This bit is not locked by the LOCK bit in the LM93 Configuration
register.
7:4
OVR_DC
R/W
This field sets the duty cycle that will be used by PWM1 whenever manual override
mode is active. This field accepts 16 possible values that are mapped to duty cycles
according the table in the FAN CONTROL section. Whenever this register is read, it
returns the duty cycle that is currently being used by PWM1 regardless of whether
override mode is active or not. The value read may not match the last value written
if another control source is requesting a greater duty cycle. This field always returns
0h when the PWM1 spin up cycle is active.
3.17.8.15 Register CAh
PWM1 Control 3
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
PWM1
RES
SU_DC
CAh
R/W
SU_DUR
00h
Control 3
70
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com