Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 76 Page - Texas Instruments

Back Button LM93 Datasheet HTML 72Page - Texas Instruments LM93 Datasheet HTML 73Page - Texas Instruments LM93 Datasheet HTML 74Page - Texas Instruments LM93 Datasheet HTML 75Page - Texas Instruments LM93 Datasheet HTML 76Page - Texas Instruments LM93 Datasheet HTML 77Page - Texas Instruments LM93 Datasheet HTML 78Page - Texas Instruments LM93 Datasheet HTML 79Page - Texas Instruments LM93 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
Lock
Bit
Name
R/W
Description
X
1
LOCK
R/W
Setting this bit locks all registers and register bits that are indicated as
lockable. Lockable registers have an “x” in the Lock column of their
description. This register is locked once it is set. This bit can only be cleared
by an external device asserting RESET.
2
GMSK
R/W
Global Mask
When this bit is set by software, all error events are masked. Setting this bit
does not effect any other mask registers or value registers.
3
ALERT_EN
R/W
When this bit is set, the ALERT output is enabled. If this bit is cleared, the
ALERT output is disabled.
4
P1P2_
R/W
In some configurations it may be required to have both processors throttling
PROCHOT
at the same rate. When this bit is set, the LM93 connects P1_PROCHOT to
P2_PROCHOT. If P1_PROCHOT and P2_PROCHOT are already shorted
by some other means, this bit should NOT be set. Doing so would cause
both PROCHOT signals to be stuck low until this bit is cleared.
6:5
RES
R/W
Reserved
7
READY
R
The LM93 sets this bit automatically after valid data has been collected for
all temperatures and voltages. Software should not use any temperature or
voltage values until this bit has been set.
3.17.9 SLEEP STATE CONTROL AND MASK REGISTERS
3.17.9.1 Register E4h
Sleep State Control
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Sleep
SB
E4h
R
State
RES
07h
Control
Bit
Name
R/W
Description
1:0
SB
R/W
Sleep State Control. Setting this field tells the LM93 which sleep state the system is
in. Several error events are masked depending on the state of this field.
7:2
RES
R
Reserved
SPACER
SB
Description
00
Sleep state = S0
Do not mask errors.
01
Sleep state = S1
Mask errors according to S1 mask
registers and standard S1 masking.
10
Sleep state = S3
Mask errors according to S3 mask
registers and standard S3 masking.
11
Sleep state = S4/5
Mask errors according to S4/5 mask
registers and standard S4/5 masking.
This mode is activated automatically if
the RESET input is asserted.
3.17.9.2 Register E5h
S1 GPI Mask
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
S1 GPI
GPI7_S1
GPI6_S1
GPI5_S1
GPI4_S1
GPI3_S1
GPI2_S1
GPI1_S1
GPI0_S1
E5h
R/W
FFh
Mask
_MSK
_MSK
_MSK
_MSK
_MSK
_MSK
_MSK
_MSK
76
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com