Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM93 Datasheet HTML 6Page - Texas Instruments LM93 Datasheet HTML 7Page - Texas Instruments LM93 Datasheet HTML 8Page - Texas Instruments LM93 Datasheet HTML 9Page - Texas Instruments LM93 Datasheet HTML 10Page - Texas Instruments LM93 Datasheet HTML 11Page - Texas Instruments LM93 Datasheet HTML 12Page - Texas Instruments LM93 Datasheet HTML 13Page - Texas Instruments LM93 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
SPACER
Zone
Description
Zone 1
Processor 1 remote diode
(REMOTE1+, REMOTE1
−)
Zone 2
Processor 2 remote diode
(REMOTE2+, REMOTE2
−)
Zone 3
Internal LM93 on-chip sensor
Zone 4
External Digital Sensor written in from SMBus
3.3.1
Temperature Data Format
Most of the temperature data for the LM93 is represented in a common format. The format is an 8-bit,
twos complement byte with the LSB equal to 1.0 °C. This applies to temperature measurements as well as
any temperature limit registers and some configuration registers. Some fan control configuration registers
use four bits and have a binary format, please see the Fan Control configuration register descriptions for
further details on this 4-bit format.
SPACER
Temperature(1)
Binary
Hex
+125°C
0111 1101
7Dh
+25°C
0001 1001
19h
+1.0°C
0000 0001
01h
0°C
0000 0000
00h
−1.0°C
1111 1111
FFh
−25°C
1110 0111
E7h
−55°C
1100 1001
C9h
−127°C
1000 0001
81h
(1)
Note: A value of 80h has a special meaning in the limit registers. It means that the temperature
channel is masked. In addition, temperature readings of 80h indicate thermal diode faults.
3.3.2
Thermal Diode Fault Status
The LM93 provides for indications of a fault (open or short circuit) with the remote thermal diodes. Before
a remote diode conversion is updated, the status of the remote diode is checked for an open or short
circuit condition. If such a fault condition occurs, a status bit is set in the status register. A short circuit is
defined as the input pins being connected to each other. When an open or short circuit is detected, the
corresponding temperature register is set to 80h.
3.4
VOLTAGE MONITORING
The LM93 contains inputs for monitoring voltages. Scaling is such that the correct value refers to
approximately 3/4 scale or 192 decimal on all inputs except the ±12V. Input voltages are converted by an
8-bit Delta-Sigma (
ΔΣ) A/D. The Delta-Sigma A/D architecture provides inherent filtering and spike
smoothing of the analog input signal.
The ±12V inputs must be scaled externally. A full scale reading is achieved when 1.236V is applied to
these inputs. For optimum performance the +12V should be scaled to provide a nominal ¾ full scale
reading, while the
−12V should be scaled to provide a nominal ¼ scale reading. The thevenin resistance
at the pin should be kept between 1 k
Ω and 7 kΩ.
10
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com