Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 1 Page - Texas Instruments

  LM93 Datasheet HTML 1Page - Texas Instruments LM93 Datasheet HTML 2Page - Texas Instruments LM93 Datasheet HTML 3Page - Texas Instruments LM93 Datasheet HTML 4Page - Texas Instruments LM93 Datasheet HTML 5Page - Texas Instruments LM93 Datasheet HTML 6Page - Texas Instruments LM93 Datasheet HTML 7Page - Texas Instruments LM93 Datasheet HTML 8Page - Texas Instruments LM93 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
LM93 Hardware Monitor with Integrated Fan Control for Server Management
Check for Samples: LM93
1
Introduction
1.1
Features
12
• 8-bit
ΣΔ ADC
• 2 General Purpose Inputs that Can be Used to
Monitor SCSI Termination Signals
• Monitors 16 Power Supplies
• Limit Register Comparisons of All Monitored
• Monitors 2 Remote Thermal Diodes
Values
• Internal Ambient Temperature Sensing
• 2-wire, SMBus 2.0 Compliant, Serial Digital
• Programmable Autonomous Fan Control Based
Interface
on Temperature Readings with Fan Boost
– Supports Byte/block Read and Write
Support
– Configurable Slave Address (Tri-level Pin
• Fan Control Based on 13-step Lookup Table
Selects 1 of 3 Possible Addresses)
• Temperature Reading Digital Filter
• 2.5V Reference Voltage Output
• 1.0°C Digital Temperature Sensor Resolution
• 56-pin TSSOP Package
• 0.5°C Temperature Resolution for Fan Control
• XOR-tree Test Mode
• 2 PWM Fan Speed Control Outputs
• Key Specifications
• 4 Fan Tachometer Inputs
– Voltage Measurement Accuracy ±2% FS
• Dual Processor Thermal Throttling (PROCHOT)
(max)
Monitoring
– Resolution 8-bits, 1°C
• Dual Dynamic VID Monitoring (6 VIDs per
– Temperature Sensor Accuracy ±3°C (max)
Processor)
– Temperature Range:
• 8 General Purpose I/Os:
•
LM93 Operational 0°C to +85°C
– 4 Can be Configured as Fan Tachometer
Inputs
•
Remote Temp Accuracy 0°C to +125°C
– 2 Can be Configured to Connect to
– Power Supply Voltage +3.0V to +3.6V
THERMTRIP from a Processor
– Power Supply Current 0.9 mA
– 2 are Standard GPIOs that Could be Used to
Monitor IERR Signal
1.2
Applications
•
Servers
•
Workstations
•
Multi-Microprocessor Based Equipment
1.3
Description
The LM93, hardware monitor, has a two wire digital interface compatible with SMBus 2.0. Using an 8-bit
ΣΔ ADC, the LM93 measures the temperature of two remote diode connected transistors as well as its
own die and 16 power supply voltages.
To set fan speed, the LM93 has two PWM outputs that are each controlled by up to four temperature
zones. The fan-control algorithm is lookup table based. The LM93 includes a digital filter that can be
invoked to smooth temperature readings for better control of fan speed. The LM93 has four tachometer
inputs to measure fan speed. Limit and status registers for all measured values are included.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2003–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - LM93

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM93 NSC-LM93 Datasheet
654Kb / 92P
Hardware Monitor with Integrated Fan Control for Server Management
logo
LM Technologies Ltd
LM930 LMTECHNOLOGIES-LM930 Datasheet
8Mb / 14P
LM930 Bluetooth® low energy Module (with IPEX Connector)
25/AUG/2017
LM930-0635 LMTECHNOLOGIES-LM930-0635 Datasheet
8Mb / 14P
LM930 Bluetooth® low energy Module (with IPEX Connector)
25/AUG/2017
LM931 LMTECHNOLOGIES-LM931 Datasheet
7Mb / 14P
LM931 Bluetooth® low energy Module
29/AUG/2017
LM931-0552 LMTECHNOLOGIES-LM931-0552 Datasheet
7Mb / 14P
LM931 Bluetooth® low energy Module
29/AUG/2017
More results

Similar Description - LM93

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
Hardware Monitor with Integrated Fan Control
LM93 NSC-LM93 Datasheet
654Kb / 92P
Hardware Monitor with Integrated Fan Control for Server Management
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
Hardware Monitor with Integrated Fan Control
LM94 NSC-LM94 Datasheet
697Kb / 24P
TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Feature Integration Tec...
F71858 FINTEK-F71858_09 Datasheet
1Mb / 65P
Hardware KBC with ACPI, Temp. and Fan Control
logo
Texas Instruments
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
Hardware Monitor with PI Loop Fan Control for Server Management
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
Hardware Monitor with Integrated Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com