Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 55 Page - Texas Instruments

Back Button LM93 Datasheet HTML 51Page - Texas Instruments LM93 Datasheet HTML 52Page - Texas Instruments LM93 Datasheet HTML 53Page - Texas Instruments LM93 Datasheet HTML 54Page - Texas Instruments LM93 Datasheet HTML 55Page - Texas Instruments LM93 Datasheet HTML 56Page - Texas Instruments LM93 Datasheet HTML 57Page - Texas Instruments LM93 Datasheet HTML 58Page - Texas Instruments LM93 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Sleep
Bit
Name
R/W
Description
Masking
2
FAN3_ERR
RWC
This bit is set when the Fan Tach 3 value register is above the value set in the Fan
S1*, S3*, S4/5
Tach 3 Limit register.
3
FAN4_ERR
R
This bit is set when the Fan Tach 4 value register is above the value set in the Fan
S1*, S3*, S4/5
Tach 4 Limit register.
7:4
RES
R
Reserved
N/A
3.17.6 VALUE REGISTERS
3.17.6.1 Registers 50–53h
Unfiltered Temperature Value Registers
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Zone 1
50h
R
(CPU1)
7
6
5
4
3
2
1
0
N/D
Temp
Zone 2
51h
R
(CPU1)
7
6
5
4
3
2
1
0
N/D
Temp
Zone 3
52h
R
(Internal)
7
6
5
4
3
2
1
0
N/D
Temp
Zone 4
(External
53h
R/W
7
6
5
4
3
2
1
0
N/D
Digital)
Temp
Zones 1, 2 and 3 are all automatically updated by the LM93. The Zone 4 (External Digital) Temp register
must be written by an external SMBus device.
The temperature registers for zones 1 and 2 must return a value of 80h if the remote diode pins are not
implemented by the board designer or are not functioning properly.
3.17.6.2 Registers 54–55h
Filtered Temperature Value Registers
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Zone 1
(CPU1)
54h
R
7
6
5
4
3
2
1
0
00h
Filtered
Temp
Zone 2
(CPU1)
55h
R
7
6
5
4
3
2
1
0
00h
Filtered
Temp
These registers reflect the temperature of zones 1 and 2 after the spike smoothing filter has been applied.
The characteristics of the filtering can be adjusted by using the Zones 1/2 Spike Smoothing Control
register.
3.17.6.3 Register 56–65h
A/D Channel Voltage Registers
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
AD_IN1
56h
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN2
57h
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN3
58h
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN4
59h
R
7
6
5
4
3
2
1
0
N/D
Voltage
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
55
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com