Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 4 Page - Texas Instruments

  LM93 Datasheet HTML 1Page - Texas Instruments LM93 Datasheet HTML 2Page - Texas Instruments LM93 Datasheet HTML 3Page - Texas Instruments LM93 Datasheet HTML 4Page - Texas Instruments LM93 Datasheet HTML 5Page - Texas Instruments LM93 Datasheet HTML 6Page - Texas Instruments LM93 Datasheet HTML 7Page - Texas Instruments LM93 Datasheet HTML 8Page - Texas Instruments LM93 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
56
55
54
53
52
51
50
49
48
47
46
45
GND
3.3V SB (AD_IN16)
P1_VID0
PWM1
44
43
42
41
40
Power 39
38
37
36
35
34
33
P1_PROCHOT
AD_IN7(1.6V; P1_Vccp)
32
31
30
29
Address Select
AD_IN9(4.4V)
AD_IN8(1.6V; P2_Vccp)
AD_IN10(6.67V)
P1_VID1
P1_VID2
P1_VID3
P1_VID5
P1_VID4
P2_VID0
P2_PROCHOT
P2_VID1
P2_VID2
P2_VID3
P2_VID5
P2_VID4
AD_IN14(1.312V)
AD_IN11(3.3V)
AD_IN15(1.236V)
AD_IN13(1.312V)
AD_IN12(2.65V)
PWM2
GPIO_0/TACH1
GPIO_7
GPIO_5
SCSI_TERM2
GPIO_3/TACH4
GPIO_4
AD_IN6(2V)
SMBDAT
SMBCLK
AGND
RESET
V
VRD1_HOT
AD_IN1(1.236V)
Remote1+
Remote1-
Remote2+
Remote2-
SCSI_TERM1
AD_IN4(1.6V)
AD_IN5(2V)
GPIO_1/TACH2
GPIO_2/TACH3
GPIO_6
ALERT/XtestOut
AD_IN2(1.236V)
AD_IN3(1.236V)
VRD2_HOT
LM93
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
REF
-12V
DDR Vtt
DDR Core
ICH Core
MCH Core
SCSI Core
3.3V SB
5V
12V CPU1
12V CPU2
12V Memory
Vccp1
Vccp2
Vtt FSB
LM93
baseboard
temp
SCSI Term 1/2
CPU 1/2 IERR
CPU 1/2 PROCHOT
CPU 1/2 VID
CPU 1/2 THERMTRIP
VRD 1/2 HOT
CPU 1/2 THERMAL DIODE
SIO
CI
BATTERY
FAN TACH 4-8
FRONT PANEL
CONNECTOR
POWER CONNECTOR
Server System
Management Controller
(BMC, miniBMC or
Service Processor)
ICH
PWM 1 FAN CONTROL
CIRCUITRY
PWM 2 FAN CONTROL
CIRCUITRY
SMBus
RESET
2.5V VREF
FAN TACH 1-4
Alert Sending Device
(ASD) UART/NIC
EEPROM
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
Figure 2-1. 2 Way Xeon Server Management
2.3
Connection Diagram
Figure 2-2. 56 Pin TSSOP
Package DGG0056A
Top View
4
Device Information
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com