Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 62 Page - Texas Instruments

Back Button LM93 Datasheet HTML 58Page - Texas Instruments LM93 Datasheet HTML 59Page - Texas Instruments LM93 Datasheet HTML 60Page - Texas Instruments LM93 Datasheet HTML 61Page - Texas Instruments LM93 Datasheet HTML 62Page - Texas Instruments LM93 Datasheet HTML 63Page - Texas Instruments LM93 Datasheet HTML 64Page - Texas Instruments LM93 Datasheet HTML 65Page - Texas Instruments LM93 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
3.17.7.4 Register B0–B1h
PROCHOT User Limit Registers
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
P1_PRO
CHOT
B0h
R/W
7
6
5
4
3
2
1
0
FFh
User
Limit
P2_PRO
CHOT
B1h
R/W
7
6
5
4
3
2
1
0
FFh
User
Limit
These registers allow a user limit to be set for the PROCHOT monitoring function. If the corresponding
Current Px_PROCHOT register exceeds this value, the PH1_ERR or PH2_ERR bit is set in the
corresponding Host and BMC error status registers. A value of FFh acts as a mask and prevents the error
status bits from being set.
SPACER
Register Value (Decimal)
Threshold Percentage
0
0%
1
0.39%
2
0.78%
•
•
•
•
•
•
n
n/256*100
255
99.60%
3.17.7.5 Register B2–B3h
Dynamic Vccp Limit Offset Registers
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Vccp1
B2h
R/W
Limit
UPPER_OFFSET1
LOWER_OFFSET1
17h
Offsets
Vccp2
B3h
R/W
Limit
UPPER_OFFSET2
LOWER_OFFSET2
17h
Offsets
These offsets are used to determine the upper and lower limits of the dynamic Vccp window comparator.
These offsets are added or subtracted from the value selected by the VID bits.
SPACER
LOWER_OFFSET1 or
Lower Offset
LOWER_OFFSET2
0h
25 mV
1h
50 mV
2h
75 mV
3h
100 mV
~ ~
~ ~
Ch
325 mV
Dh
350 mV
Eh
375 mV
Fh
400 mV
62
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com