Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM93 Datasheet HTML 33Page - Texas Instruments LM93 Datasheet HTML 34Page - Texas Instruments LM93 Datasheet HTML 35Page - Texas Instruments LM93 Datasheet HTML 36Page - Texas Instruments LM93 Datasheet HTML 37Page - Texas Instruments LM93 Datasheet HTML 38Page - Texas Instruments LM93 Datasheet HTML 39Page - Texas Instruments LM93 Datasheet HTML 40Page - Texas Instruments LM93 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Table 3-3. Zone 3/4 (LM93 Ambient and External Ambient) Table(1)
Lookup Table
Zone 3/4
Tbase
LM93 Ambient, Zone 3 (TA)
Tbase
External Ambient, Zone 4 (TA)
Duty Cycle
Toffset
LM93
External
table
Ambient
Ambient
(%)
(°C)
(°C)
(°C)
(°C)
(°C)
(°C)
(°C)
30
TA<
30
35
TA<
35
25
0
31.25
0
37.5
0
43.75
0
50
0
56.25
0
62.5
1
30
≤TA<
31
35
≤TA<
36
68.75
1
31
≤TA<
32
36
≤TA<
37
75
1
32
≤TA<
33
37
≤TA<
38
81.25
0.5
33
≤TA<
33.5
38
≤TA<
38.5
87.5
0.5
33.5
≤TA<
34
38.5
≤TA<
39
93.75
0.5
34
≤TA<
34.5
39
≤TA<
39.5
100
34.5
≤TA
39.5
≤TA
(1)
In this example: Zone 3 and Zone 4 are bound to the PWM 2 output and the PWM2 output frequency set to 22.5kHz; Hysteresis is set to
1°C; Toffset and hysteresis resolution set to 0.5°C; minPWM for Zones 3/4 register is set to 06h. Note, the duty cycle assignment
depends on the zone to PWM output binding and the frequency setting of that PWM output.
3.16.10.2 Fan Control Temperature Resolution
As shown in the example the auto fan control algorithm can operate in a mode that allows 0.5°C of
temperature resolution instead of the normal 1°C. When this mode is enabled, the temperature offset
registers that make up the lookup table are interpreted differently. One LSB represents 0.5°C, and the
available range between each datapoint is 0°C to 7.5°C instead of 0°C to 15°C. In addition, the hysteresis
registers for auto fan control are interpreted in the same way (one LSB equals 0.5°C).
Zones 1, 2 and 3 all have 9-bits of internal resolution, which makes this feature useful. Zone 4 is written in
from the SMBus and only has 8-bits of resolution. The LM93 left justifies the value into a 9-bit field before
using it, if the 0.5°C mode is enabled.
Note that since zones 1 and 2 share the same lookup table, both zones must be operating in the same
resolution mode. The same applies to zones 3 and 4 since they share the same lookup table.
3.16.10.3 Zone 1-4 to PWM1-2 Binding
Each zone must be bound to the PWM outputs in order to have effect on the output's duty cycle. Any
combination of the zones may be used to drive a PWM output, they are not limited to the binding
described in the previous example. For instance zones 1, 2 and 4 may be bound to PWM1 while zones 3
and 4 are bound to PWM2. Note that the duty cycle levels in the lookup table are dependent on the PWM
output frequency assignment. Therefore, if PWM1 is assigned to a high frequency and PWM2 is assigned
to a low frequency, in the binding example just mentioned, zone 4 has a different duty cycle calculated
through the lookup table for PWM1 than for PWM2, even though the same Toffset values are used. This is
due to the fact that PWM levels assigned to a high frequency PWM output are different than the levels
assigned to a low frequency PWM output.
3.16.10.4 Fan Control Duty Cycles
Several registers in the LM93 use 4-bit values to represent a duty cycle. All of them use a common
mapping that associates the 4-bit value with a duty cycle. The 4-bit values correspond also with the 14
steps of the auto fan control algorithm. The mapping is shown below. This applies for PWM outputs
running at the default 22.5 kHz (high) frequency.
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
37
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com