Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM93 Datasheet HTML 13Page - Texas Instruments LM93 Datasheet HTML 14Page - Texas Instruments LM93 Datasheet HTML 15Page - Texas Instruments LM93 Datasheet HTML 16Page - Texas Instruments LM93 Datasheet HTML 17Page - Texas Instruments LM93 Datasheet HTML 18Page - Texas Instruments LM93 Datasheet HTML 19Page - Texas Instruments LM93 Datasheet HTML 20Page - Texas Instruments LM93 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
8–Bit Result
Percentage Thottled
0
Exactly 0%
1
Between 0% and 0.39%
2
Between 0.39% and 0.78%
~
~
n
Between (n-1)/256 and n/256
~
~
253
Between 98.4% and 98.8%
254
Between 98.8% and 99.2%
255
Greater than 99.2%
To achieve the second goal, the LM93 has several comparators that compare the measured percentage
reading against several fixed and 1 variable value. The variable value is user programmable.
The result of these comparisons generates several error status bits described in the following table:
SPACER
Status Description
Comparison Formula
100% Throttle
PROCHOT was never de-asserted
during monitoring interval.
Greater than or equal to 75% and
193
≤ measured value and not
less than 100%
100%
Greater than or equal to 50% and
129
≤ measured value < 193
less than 75%
Greater than or equal to 25% and
65
≤ measured value < 129
less than 50%
Greater than or equal to 12.5%
33
≤ measured value < 65
and less than 25%
Greater than 0% and less than
0 < measured value < 33
12.5%
Greater than 0%
0 < measured value
Greater than user limit
user limit < measured value
These status bits are reflected in the PROCHOT Error Status Registers. Each of the P1_PROCHOT and
P2_PROCHOT inputs is monitored independently, and each has its own set of status registers.
In S3 and S4/5 sleep states, the PROCHOT Monitoring function does not run. The Current Px_PROCHOT
registers are reset to 00h and the Average Px_PROCHOT registers hold their current state. Once the
sleep state changes back to S0, the monitoring function is restarted. After the first PROCHOT
measurement has been made, the measurement is written directly into the Current and Average
Px_PROCHOT registers without performing any averaging. Averaging returns to normal on the second
measurement.
3.11 PROCHOT OUTPUT CONTROL
In some cases, it is necessary for the LM93 to drive the Px_PROCHOT outputs low. There are several
conditions that cause this to happen.
The LM93 can be told to logically short the two PROCHOT inputs together. When this is done, the LM93
monitors each of the Px_PROCHOT inputs. If any external device asserts one of the PROCHOT signals,
the LM93 responds by asserting the other PROCHOT signal until the first PROCHOT signal is de-
asserted. This feature should never be enabled if the PROCHOT signals are already being shorted by
another means.
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
17
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com