Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM93 Datasheet HTML 7Page - Texas Instruments LM93 Datasheet HTML 8Page - Texas Instruments LM93 Datasheet HTML 9Page - Texas Instruments LM93 Datasheet HTML 10Page - Texas Instruments LM93 Datasheet HTML 11Page - Texas Instruments LM93 Datasheet HTML 12Page - Texas Instruments LM93 Datasheet HTML 13Page - Texas Instruments LM93 Datasheet HTML 14Page - Texas Instruments LM93 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
The
−12V monitoring is particularly challenging. It is required that an external offset voltage and external
resistors be used to bring the
−12V rail into the positive input voltage region of the A/D input. It is
suggested that the supply rail for the LM93 device be used as the offset voltage. This voltage is usually
derived from the P/S 5V stand-by voltage rail via a ±1% accurate linear regulator. In this fashion we can
always assume that the offset voltage is present when the
−12V rail is present as the system cannot be
turned on without the 3.3V stand-by voltage being present.
Table 3-1. Voltage vs Register Reading
Register
Register
Register
Reading
Absolute
Normal
Nominal
Maximum
Reading at
Minimum
Reading at
Pin
at
Maxmum
Use
Voltage(1)
Voltage
Maximum
Voltage
Minimum
Nominal
Range
Voltage
Voltage
Voltage
AD_IN1
+12V1
0.927V
C0h
1.236V
FFh
0V
00h
−0.3V to (VDD
+ 0.05V)
AD_IN2
+12V2
0.927V
C0h
1.236V
FFh
0V
00h
−0.3V to (VDD
+ 0.05V)
AD_IN3
+12V3
0.927V
C0h
1.236V
FFh
0V
00h
−0.3V to (VDD
+ 0.05V)
AD_IN4
FSB_Vtt
1.20V
C0h
1.60V
FFh
0V
00h
−0.3V to
+6.0V
AD_IN5
3GIO
1.5V
C0h
2V
FFh
0V
00h
−0.3V to
+6.0V
AD_IN6
ICH_Core
1.5V
C0h
2V
FFh
0V
00h
−0.3V to
+6.0V
AD_IN7
Vccp1
1.20V
C0h
1.60V
FFh
0V
00h
−0.3V to
+6.0V
AD_IN8
Vccp2
1.20V
C0h
1.60V
FFh
0V
00h
−0.3V to
+6.0V
AD_IN9
+3.3V
3.30V
C0h
4.40V
FFh
0V
00h
−0.3V to
+6.0V
AD_IN10
+5V
5.0V
C0h
6.667V
FAh
0V
00h
−0.3V to
+6.5V
AD_IN11
SCSI_Core
2.5V
C0h
3.333V
FFh
0V
00h
−0.3V to
+6.0V
AD_IN12
Mem_Core
1.969V
C0h
2.625V
FFh
0V
00h
−0.3V to
+6.0V
AD_IN13
Mem_Vtt
0.984V
C0h
1.312V
FFh
0V
00h
−0.3V to
+6.0V
AD_IN14
Gbit_Core
0.984V
C0h
1.312V
FFh
0V
00h
−0.3V to
+6.0V
AD_IN15
−12V
0.309V
40h
1.236V
FFh
0V
00h
−0.3V to (VDD
+ 0.05V)
AD_IN16
+3.3V S/B
3.3V
C0h
3.6V
D1h
3.0V
AEh
−0.3V to
+6.0V
(1)
Application Note: The nominal voltages listed in this table are only typical values. Voltage rails with different nominal voltages can be
monitored, but the register reading at the nominal value is no longer C0h. For example, a Mem_Core rail at 2.5V nominal could be
monitored with AD_IN12, or a Mem_Vtt rail at 1.2V could be monitored with AD_IN13.
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
11
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com