Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 63 Page - Texas Instruments

Back Button LM93 Datasheet HTML 59Page - Texas Instruments LM93 Datasheet HTML 60Page - Texas Instruments LM93 Datasheet HTML 61Page - Texas Instruments LM93 Datasheet HTML 62Page - Texas Instruments LM93 Datasheet HTML 63Page - Texas Instruments LM93 Datasheet HTML 64Page - Texas Instruments LM93 Datasheet HTML 65Page - Texas Instruments LM93 Datasheet HTML 66Page - Texas Instruments LM93 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
SPACER
UPPER_OFFSET1 or
Upper Offset
UPPER_OFFSET2
0h
12.5 mV
1h
25 mV
2h
37.5 mV
3h
50 mV
~ ~
~ ~
Dh
175 mV
Eh
187.5 mV
Fh
200 mV
3.17.7.6 Register B4–BBh
Fan Tach Limit Registers
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Fan Tach
RES
B4h
R/W
1
TLIMIT1[5:0]
FCh
Limit LSB
Fan Tach
1
B5h
R/W
TLIMIT1[13:6]
FFh
Limit
MSB
Fan Tach
B6h
R/W
2
TLIMIT2[5:0]
RES
FCh
Limit LSB
Fan Tach
2
B7h
R/W
TLIMIT2[13:6]
FFh
Limit
MSB
Fan Tach
B8h
R/W
3
TLIMIT3[5:0]
RES
FCh
Limit LSB
Fan Tach
3
B9h
R/W
TLIMIT1[13:6]
FFh
Limit
MSB
Fan Tach
BAh
R/W
4
TLIMIT4[5:0]
RES
FCh
Limit LSB
Fan Tach
4
BBh
R/W
TLIMIT4[13:6]
FFh
Limit
MSB
If a tachometer reading exceeds its limit (as defined by these registers) the corresponding bit is set in the
Host and BMC Error Status registers. The fan tachometer readings can be associated with a particular
PWM output, but the tach errors are not automatically masked when a PWM is at 0% or set to level that
causes the fan RPM to be below the limit purposely. In order to prevent false errors, care needs to be
taken to make sure that the Fan Tach Limits are properly set. Errors are never generated for a fan if its
limit is set to 3FFFh.
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
63
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com