Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM93 Datasheet HTML 11Page - Texas Instruments LM93 Datasheet HTML 12Page - Texas Instruments LM93 Datasheet HTML 13Page - Texas Instruments LM93 Datasheet HTML 14Page - Texas Instruments LM93 Datasheet HTML 15Page - Texas Instruments LM93 Datasheet HTML 16Page - Texas Instruments LM93 Datasheet HTML 17Page - Texas Instruments LM93 Datasheet HTML 18Page - Texas Instruments LM93 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Value Register
VIN
%
Δ from −12V
106
-10.9597
8.6688
107
-10.9351
8.8745
108
-10.9104
9.0803
109
-10.8857
9.2861
110
-10.8610
9.4919
111
-10.8363
9.6976
112
-10.8116
9.9034
113
-10.7869
10.1092
3.7
DYNAMIC Vccp MONITORING USING VID
The AD_IN7 (CPU1 Vccp) and AD_IN8 (CPU2 Vccp) inputs are dynamically monitored using the P1_VIDx
and P2_VIDx inputs to determine the limits. The dynamic comparisons operate independently of the static
comparisons which use the statically programmed limits.
According to the VRM/VRD 10 specification when a VID signal is ramping to a new value, it steps by one
LSB at a time, and one step occurs every 5 µs. In worse case, up to 20 steps may occur at once over 100
µs. The Vccp voltage from the VRD has to settle to the new value within 50 µs of the last VID change. The
LM93 expects that the VID changes will not occur more frequently than every 5 µs.
The VID signal can be changed by the processor under program control, by internal thermal events or by
external control, like force PROCHOT.
The reference voltages selected by each value of the 6 bit VID can be found in the VRM/VRD 10 spec.
Transient VID values caused by line-to-line skew are ignored by the LM93. See the VRM/VRD 10 spec for
the worst case line-to-line skew.
The LM93 averages the VID values over a sampling window to determine the average voltage that the
VID input was indicating during the sampling window. At the completion of a voltage conversion cycle the
LM93 performs limit comparisons based on average VID values and not instantaneous values. The upper
limit is determined by adding the upper limit offset to the average voltage indicated by VID. The lower limit
is determined by subtracting the lower limit offset from average voltage indicated by VID. If the AD_IN7 (or
AD_IN8) voltage falls outside the upper and lower limits, an error event is generated. Dynamic and static
comparisons are performed once every 100 ms. The averaging time interval is 1.5 ms.
If at any time during the Vccp sampling window, the VID code indicates that the VRD should turn off its
output, the dynamic Vccp checking is disabled for that sample.
The comparison accuracy is ±25 mV, therefore the comparison limits must be set to include this error.
Since the Vccp voltage may be in the process of settling to a new value (due to a VID change), this
settling should be taken into account when setting the upper and lower limit offsets.
The LM93 has a limitation on the upper limit voltage for dynamic Vccp checking. The upper limit cannot
exceed 1.5875V. If the sum of the voltage indicated by VID and the upper offset voltage exceed 1.5875,
the upper limit checking is disabled.
3.8
VREF OUTPUT
VREF is a fixed voltage to be used by an external VRD or as a voltage reference input for the BMC A/D
inputs. VREF is 2.5V ±1%. There is internal current limit protection for the VREF output in case it gets
shorted to supply or ground accidentally.
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
15
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com