Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM93 Datasheet HTML 18Page - Texas Instruments LM93 Datasheet HTML 19Page - Texas Instruments LM93 Datasheet HTML 20Page - Texas Instruments LM93 Datasheet HTML 21Page - Texas Instruments LM93 Datasheet HTML 22Page - Texas Instruments LM93 Datasheet HTML 23Page - Texas Instruments LM93 Datasheet HTML 24Page - Texas Instruments LM93 Datasheet HTML 25Page - Texas Instruments LM93 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
3.15.4 SMBUS ERROR SAFETY FEATURES
To provide a more robust SMBus interface, the LM93 incorporates a timeout feature for both SMBCLK
and SMBDAT. If either signal is low for a long period of time (see SMBus AC Characteristics), the LM93
SMBus state machine reverts to the idle state and waits for a START signal. Large block transfers of all
zeros should be avoided if the SMBCLK is operating at a very low frequency to avoid accidental timeouts.
Pulling the Reset pin low does not reset the SMBus state machine. If the LM93 SMBDAT pin is low during
a system reset, the LM93’s state machine timeouts and resets automatically. If the LM93’s SMBDAT pin is
high during a system reset, the first assertion of a start by the master resets the LM93’s interface state
machine.
Although it is a violation of the SMBus specification, in some cases a START or STOP signal occurs in the
middle of a byte transfer instead of coming after an acknowledge bit. If this occurs, only a partial byte was
transferred. If a byte was being written, it is aborted and the partial byte is not committed. If a byte was
being read from a read-to-clear register, the register is not cleared.
3.15.5 SERIAL INTERFACE PROTOCOLS
The LM93 contains volatile registers, the registers occupy address locations from 00h to EFh.
Data can be read and written as a single byte, a word, or as a block of several bytes. The LM93 supports
the following SMBus/I2C transactions/protocols:
— Send Byte
— Write Byte
— Write Word
— SMBus Write Block
— I2C Block Write
— Read Byte
— Read Word
— SMBus Read Block
— SMBus Block-Write Block-Read Process Call
— I2C Block Read
In addition to these transactions the LM93 supports a few extra items and also has some behavior that
must be defined beyond the SMBus 2.0 specification. No other SMBus 2.0 transactions are supported
(PEC, ARA etc.).
The SMBus specification defines several protocols for different types of read and write operations. The
ones used in the LM93 are discussed below. The following abbreviations are used in the diagrams:
S — START
P — STOP
R — READ
W — WRITE
A — ACKNOWLEDGE
/A — NO ACKNOWLEDGE
22
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com