Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM93 Datasheet HTML 9Page - Texas Instruments LM93 Datasheet HTML 10Page - Texas Instruments LM93 Datasheet HTML 11Page - Texas Instruments LM93 Datasheet HTML 12Page - Texas Instruments LM93 Datasheet HTML 13Page - Texas Instruments LM93 Datasheet HTML 14Page - Texas Instruments LM93 Datasheet HTML 15Page - Texas Instruments LM93 Datasheet HTML 16Page - Texas Instruments LM93 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
= (
+ 1) x [(1.236V x
) - 3.3V] + 3.3V
R1
R2
VR
256
= (24.69 mV x VR) - 13.5771V
VIN
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
(5)
The table below summarizes the theoretical voltage values for value register readings near
−12V.
SPACER
Value Register
VIN
%
Δ from −12V
15
-13.2068
-10.0563
16
-13.1821
-9.8505
17
-13.1574
-9.6448
18
-13.1327
-9.4390
19
-13.1080
-9.2332
20
-13.0833
-9.0275
21
-13.0586
-8.8217
22
-13.0339
-8.6159
23
-13.0092
-8.4101
24
-12.9845
-8.2044
25
-12.9598
-7.9986
26
-12.9351
-7.7928
27
-12.9104
-7.5871
28
-12.8858
-7.3813
29
-12.8611
-7.1755
30
-12.8364
-6.9698
31
-12.8117
-6.7640
32
-12.7870
-6.5582
33
-12.7623
-6.3524
34
-12.7376
-6.1467
35
-12.7129
-5.9409
36
-12.6882
-5.7351
37
-12.6635
-5.5294
38
-12.6388
-5.3236
39
-12.6141
-5.1178
40
-12.5894
-4.9121
41
-12.5648
-4.7063
42
-12.5401
-4.5005
43
-12.5154
-4.2947
44
-12.4907
-4.0890
45
-12.4660
-3.8832
46
-12.4413
-3.6774
47
-12.4166
-3.4717
48
-12.3919
-3.2659
49
-12.3672
-3.0601
50
-12.3425
-2.8544
51
-12.3178
-2.6486
52
-12.2931
-2.4428
53
-12.2684
-2.2370
54
-12.2438
-2.0313
55
-12.2191
-1.8255
56
-12.1944
-1.6197
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
13
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com