Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM93 Datasheet HTML 3Page - Texas Instruments LM93 Datasheet HTML 4Page - Texas Instruments LM93 Datasheet HTML 5Page - Texas Instruments LM93 Datasheet HTML 6Page - Texas Instruments LM93 Datasheet HTML 7Page - Texas Instruments LM93 Datasheet HTML 8Page - Texas Instruments LM93 Datasheet HTML 9Page - Texas Instruments LM93 Datasheet HTML 10Page - Texas Instruments LM93 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Table 2-1. Pin Descriptions(1) (continued)
Symbol
Pin #
Type
Function
P2_VID4
55
Digital Input
Voltage Identification signal from the processor.
P2_VID5
56
Digital Input
Voltage Identification signal from the processor.
Table 2-2. Server Terminology
A/D
Analog to Digital Converter
ACPI
Advanced Configuration and Power Interface
ALERT
SMBus signal to bus master that an event occurred that has been flagged for attention.
ASF
Alert Standard Format
BMC
Baseboard Micro-Controller
BW
Bandwidth
DIMM
Dual inline memory module
DP
Dual-processor
ECC
Error checking and correcting
FRU
Field replaceable unit
FSB
Front side bus
FW
Firmware
Gb
Gigabit
GB
Gigabyte
Gbe
Gigabit Ethernet
GPIO
General purpose I/O
HW
Hardware
I2C
Inter integrated circuit (bus)
LAN
Local area network
LVDS
Low-Voltage Differential Signaling
Mb
Megabit
MB
Megabyte
MP
Multi-processor
MTBF
Mean time between failures
MTTR
Mean time to repair
NIC
Network Interface Card (Ethernet Card)
OS
Operating system
P/S
Power Supply
PCI
PCI Local Bus
PDB
Power Distribution Board
POR
Power On Reset
PS
Power Supply
SMBCLK and SMBDAT
These signals comprise the SMBus interface (data and clock) See the SMBus Interface section for
more information.
VRD
Voltage Regulator Down - regulates Vccp voltage for a CPU
Copyright © 2003–2013, Texas Instruments Incorporated
Device Information
7
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com