Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 308 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 308 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 304Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 305Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 306Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 307Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 308Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 309Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 310Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 311Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 312Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 323 page
background image
Appendix A
Bt8370/8375/8376
A.6 IRSM CEPT Frame Format
Fully Integrated T1/E1 Framer and Line Interface
A-10
Conexant
N8370DSE
A.6 IRSM CEPT Frame Format
Table A-7. IRSM CEPT Frame Format Time Slot 0-Bit Allocations
SMF
Frame #
Time Slot 0 Bits 1 to 8 of Each Frame
1
2
3
4
5
6
7
8
I
0
C1/Si
00110
11
1
0/Si
1
A
D
E0
E1
E16
E17
2
C2/Si
00110
11
3
0/Si
1
A
D
E2
E3
E18
E19
4
C3/Si
00110
11
5
1/Si
1
A
D
E4
E5
E20
E21
6
C4/Si
00110
11
7
0/Si
1
A
D
E6
E7
E22
E23
II
8
C1/Si
00110
11
9
1/Si
1
A
D
E8
E9
E24
E25
10
C2/Si
00110
11
11
1/Si
1
A
D
E10
E11
E26
E27
12
C3/Si
00110
11
13
E/Si
1
A
D
E12
E13
E28
E29
14
C4/Si
00110
11
15
E/Si
1
A
D
E14
E15
E30
E31
Note:
1. SMF indicates the sub-multiframe. This partitioning is used in the CRC-4 calculation.
2. Si bits are International Spare Bits.
3. A bit is used to indicate a remote alarm condition (active-high).
4. Ei are per channel control bits.
5. E-bit is used to indicate a CRC-4 error. The normal state is both bits set to 1, when a CRC-4 error is detected, one of the E bits
is set to 0.
6. C1 to C4 bits are used to carry the CRC-4 code.
7. Time slot 0 that contains the 0011011 sequence is defined as the FAS word and time slot 0 that does not contain the FAS is
the Not-Word.
8. D-bits are a 4 kbps data link.
9. Bit 2 of the Not-Word is defined as the alternate framing bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com