Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 311 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 311 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 307Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 308Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 309Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 310Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 311Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 312Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 313Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 314Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 315Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 323 page
background image
N8370DSE
Conexant
B-1
B
Appendix B
B.1 Applicable Standards
Table B-1. Applicable Standards (1 of 3)
Standard
Title
ANSI
T1.101-1987
Digital Hierarchy—Timing Synchronization
T1.102-1993
Digital Hierarchy—Electrical Interfaces
T1.107-1991
(Newer Draft Standard
T1X1.4/93-002R3)
Digital Hierarchy—Formats Specification
T1.403-1995
Network to Customer Installation—DS1 Metallic Interface
T1.408-1990
ISDN Primary Rate—Customer Installation Metallic Interfaces
T1.231-1993
Layer 1 In-Service Digital Transmission Performance Monitoring
AT&T
TR 41449-1986
ISDN Primary Rate Interface Specification
TR 43801(A)-1985
Digital Channel Bank—Requirements and Objectives
TR 54016-1989
Rqts. for Interfacing DTE to Services Employing Extended Superframe Format
TR 62411-1990
Accunet T1.5 Service Description and Interface Specification
Bellcore
TR-TSY-000008 Issue 2, 1987
Digital Interface Between the SLC 96 Digital Loop Carrier System and a Local
Digital Switch
TR-TSY-000009 Issue 1, 1986
Asynchronous Digital Multiplexer Requirements and Objectives
TR-NPL-000054 Issue 1, 1989
High-Capacity Digital Service (HCDS) Interface Generic Requirements
TR-NWT-000057 Issue 2, 1993
Functional Criteria for Digital Loop Carrier Systems
TA-TSY-000147 Issue 1, 1987
DS1 Rate Digital Service Monitoring Unit
TR-TSY-000170 Issue 2, 1993
Digital Cross-Connect System (DCS) Requirements and Objectives
TR-TSY-000191 Issue 1, 1986
Alarm Indication Signal (AIS) Requirements and Objectives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com