Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 315 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 315 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 311Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 312Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 313Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 314Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 315Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 316Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 317Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 318Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 319Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 323 page
background image
N8370DSE
Conexant
C-1
C
Appendix C
C.1 System Bus Compatibility
C.1.1 AT&T Concentration Highway Interface (CHI)
DX = RPCMO
•
output on rising or falling edge of clock
•
output on every CLKXR or CLKXR/2
•
Tri-stated during inactive time slots
DR = TPCMI
•
sampled on rising or falling edge of clock
•
sampled on every CLKXR or CLKXR/2 (see X2CLK mode)
FS = TFSYNC
•
sampled on rising or falling edge of clock (FE select)
•
rising edge determines frame start
•
8 kHz rate
TSC* = RINDO
•
Optional CHI pin is driven low during active DX time slots
CLKXR = TSBCLKI = RSBCLKI
•
N x 64 kHz rates, where N=4,8,16,32,48, or 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com