| Electronic Components Datasheet Search |
|
BT8376EPF Datasheet(PDF) 313 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Datasheet(HTML) 313 Page - Synaptics Incorporated. |
|
313 / 323 page ![]() Bt8370/8375/8376 Appendix B Fully Integrated T1/E1 Framer and Line Interface B.1 Applicable Standards N8370DSE Conexant B-3 Draft Recommendation G.775 Loss of Signal (LOS) and Alarm Indication Signal (AIS) Defect Detection Recommendation G.796 Characteristics of 64 kbps Cross-Connect Equipment with 2048 kbps Access Ports Recommendation G.802 (1988) Interworking between Networks based on Different Digital Hierarchies Recommendation G.821 Error Performance Monitoring on International Connections Recommendation G.823 (3/93) Control of Jitter and Wander in Digital Networks based on 2048 kbps Recommendation G.824 (3/93) Control of Jitter and Wander in Digital Networks based on 1544 kbps Recommendation G.921 Digital Sections based on 2048 kbps Hierarchy Recommendation G.962 (3/93) Access Digital Section for ISDN Primary Rate at 2048 kbps Recommendation G.963 (3/93) Access Digital Section for ISDN Primary Rate at 1544 kbps Recommendation I.411 ISDN User-Network Interfaces—References Configurations Recommendation I.412 ISDN User-Network Interfaces—Structures and Access Capabilities Recommendation I.421 Primary Rate User-Network Interface Recommendation I.431 Primary Rate User-Network Interface—Layer 1 Specification Recommendation K.10 Unbalance about Earth of Telecommunication Installations Recommendation K.20 Resistibility of Switching Equipment to Overvoltages and Overcurrents Recommendation M.3604 Application of Maintenance Principles to ISDN Primary Rate Access Recommendation O.150 Digital Test Patterns for Performance Measurements Recommendation O.151 Error Performance Measuring Equipment Operating at Primary Rate and Above Recommendation O.152 Error Performance Measuring Equipment for Bit Rates of 64 kbit/s and NX 64 kbit/s Recommendation O.162 (10/92) Equipment to Perform In-Service Monitoring on 2048 kbps Signals Recommendation Q.921 ISDN User-Network Interface - Data Link Layer Specification IEEE Std 1149.1a-1993 IEEE Standard Test Access Port and Boundary Scan Architecture (JTAG) Natural Microsystems Corporation, Release 1.0, March 1993 Multi-Vendor Integration Protocol (MVIP) Reference Manual FCC Part 68.302 (d) Environment Simulation metallic voltage surge FCC Part 68.308 Signal Power Limitations Table B-1. Applicable Standards (3 of 3) Standard Title |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |