Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 309 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 309 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 305Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 306Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 307Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 308Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 309Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 310Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 311Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 312Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 313Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 323 page
background image
Bt8370/8375/8376
Appendix A
Fully Integrated T1/E1 Framer and Line Interface
A.6 IRSM CEPT Frame Format
N8370DSE
Conexant
A-11
Table A-8 defines the frame format time slot 16-bit allocations for ITU-T CEPT
and IRSM CEPT.
Table A-8. CEPT (ITU–T and IRSM) Frame Format Time Slot 16-Bit Allocations
SMF
Frame #
Time Slot 16 Bits 1 to 8 of Each Frame
1
2
3
4
5
6
7
8
I
0
0
000
X0
Y
X1
X2
1
A1
B1
C1
D1
A17
B17
C17
D17
2
A2
B2
C2
D2
A18
B18
C18
D18
3
A3
B3
C3
D3
A19
B19
C19
D19
4
A4
B4
C4
D4
A20
B20
C20
D20
5
A5
B5
C5
D5
A21
B21
C21
D21
6
A6
B6
C6
D6
A22
B22
C22
D22
7
A7
B7
C7
D7
A23
B23
C23
D23
II
8
A8
B8
C8
D8
A24
B24
C24
D24
9
A9
B9
C9
D9
A25
B25
C25
D25
10
A10
B10
C10
D10
A26
B26
C26
D26
11
A11
B11
C11
D11
A27
B27
C27
D27
12
A12
B12
C12
D12
A28
B28
C28
D28
13
A13
B13
C13
D13
A29
B29
C29
D29
14
A14
B14
C14
D14
A30
B30
C30
D30
15
A15
B15
C15
D15
A31
B31
C31
D31
Note:
1. SMF indicates the sub-multiframe.
2. Ai–Di are the per channel signaling bits.
3. X0–X2 are the X spare bits normally set to 1.
4. Y is the Remote Multiframe Yellow Alarm Indication bit. When Y is set to a 1, this indicates that the alarm is active.
5. The Multiframe Alignment Sequence (MAS) is defined as the time slot 16 word that contains the 0000XYXX sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com