Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 312 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 312 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 308Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 309Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 310Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 311Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 312Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 313Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 314Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 315Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 316Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 323 page
background image
Appendix B
Bt8370/8375/8376
B.1 Applicable Standards
Fully Integrated T1/E1 Framer and Line Interface
B-2
Conexant
N8370DSE
TR-TSY-000194 Issue 1, 1987
The Extended Superframe Format Interface
TA-TSY-000278 Issue 1, 1985
Digital Data System (DDS)—T1 Digital Multiplexer (T1DM) Requirements
TR-TSY-000303 Issue 2, 1992
Integrated Digital Loop Carrier (IDLC) System Generic Requirements
TR-TSY-000312 Issue 1, 1988
Functional Criteria for the DS1 Interface Connector
TR-NPL-000320 Issue 1, 1988
Fundamental Generic Requirements for Metallic Digital Signal Cross-connect Systems
TA-TSY-000435 Issue 1, 1987
DS1 Automatic Facility Protection Switching (AFPS) Rqts. and Objectives
TR-NWT-000499 Issue 5, 1993
Transport Systems Generic Requirements
TR-TSY-000510 Issue 2, 1987
LSSGR: System Interfaces, Section 10
TR-NWT-000773 Issue 1, 1991
Local Access System Requirements, Objectives and Interfaces for SMDS
TR-TSY-000776 Issue 2, 1993
Network Interface Description for ISDN Customer Access
GR-820-CORE Issue 1, 1994
(replaced TR-NWT-000820)
Generic Digital Transmission Surveillance
TA-NWT-000821 Issue 1, 1991
(replaced TR-TSY-000821)
Additional Transport and Transport-Based Surveillance Generic Rqts.
SR-TSY-000977 Issue 1, 1988
ISDN Primary Rate Access Maintenance
TR-NWT-001219 Issue 1, 1992
(Rev 1, 1993)
ISDN Primary Rate Access Testing Requirements
SR-NWT-002343 Issue 1, 1993
ISDN Primary Rate Interface Guidelines for Customer Premises Equipment
ETSI
ETS 300 011 (4/92)
ISDN Primary Rate User-Network Interface Specification and Test Principles
ETS 300 233
Access Digital Section for ISDN Primary Rate
ITU-T
Recommendation G.703 (1991)
Physical/Electrical Characteristics of Hierarchical Digital Interfaces
Recommendation G.704 (1991)
Synchronous Frame Structures used at Primary Hierarchical Levels
Recommendation G.706 (1991)
Frame Alignment and CRC Procedures Relating to G.704 Frame Structures
Recommendation G.732
Characteristics of Primary PCM Multiplex Equipment at 2048 kbps
Recommendation G.733
Characteristics of Primary PCM Multiplex Equipment at 1544 kbps
Recommendation G.734
Characteristics of Synchronous Digital Multiplex Equipment at 1544 kbps
Recommendation G.735
Characteristics of Primary PCM Multiplex Equipment at 2048 kbps; offering
Synchronous Digital Access at 384 kbps and/or 64 kbps
Recommendation G.736
Characteristics of Synchronous Digital Multiplex Equipment at 2048 kbps
Recommendation G.737
Characteristics of External Access Equipment at 2048 kbps; offering Synchronous
Digital Access at 384 kbps and/or 64 kbps
Recommendation G.738
Characteristics of Primary PCM Multiplex Equipment at 2048 kbps; offering
Synchronous Digital Access at 320 kbps and/or 64 kbps
Recommendation G.739
Recommendation G.761
Characteristics of External Access Equipment at 2048 kbps; Offering Synchronous
Digital Access at 320 kbps and/or 64 kbps
Table B-1. Applicable Standards (2 of 3)
Standard
Title



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com