Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 316 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 316 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 312Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 313Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 314Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 315Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 316Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 317Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 318Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 319Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 320Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 323 page
background image
Appendix C
Bt8370/8375/8376
C.1 System Bus Compatibility
Fully Integrated T1/E1 Framer and Line Interface
C-2
Conexant
N8370DSE
C.1.2 CHI Programming Options
CMS = clock mode select
0 = line rate
1 = 2X line rate
XEN = transmitter enable
0 = disable (DX tri-stated)
1 = enable (DX driven during active time slots)
FE
= frame edge select
0 = falling edge
1 = rising edge
XCE = CLKXR output edge select for DX
0 = falling edge
1 = rising edge
RCE = CLKXR input edge select for DR
0 = falling edge
1 = rising edge
XBOFF = 3-bit transmit output bit offset
000-1111= CLKXR (or 2xCLKXR) delay from FS to DX bit0
RBOFF = 3-bit receive input bit offset
000-111 = CLKXR (or 2xCLKXR) delay from FS to DR bit0
XTS = 6-bit transmit output TS offset
00-3F = CLKXR (or 2xCLKXR) TS delay from FS to DX bit0
RTS = 6-bit receive input TS offset
00-3F = CLKXR (or 2xCLKXR) TS delay from FS to DR bit0
Bt8370 only supports CHI and GCI buses if N = 24, 32 or 48, although either
bus is defined to operate at Nx64 from N = 4 to N = 48. Bt8370 does not support
AT&T's Dual CHI (separate A/B buses) or K2 buses, nor does it support INTEL's
SLD (ping/pong) 3-pin bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com