Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 232 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 232 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 228Page - National Semiconductor (TI) SC1100 Datasheet HTML 229Page - National Semiconductor (TI) SC1100 Datasheet HTML 230Page - National Semiconductor (TI) SC1100 Datasheet HTML 231Page - National Semiconductor (TI) SC1100 Datasheet HTML 232Page - National Semiconductor (TI) SC1100 Datasheet HTML 233Page - National Semiconductor (TI) SC1100 Datasheet HTML 234Page - National Semiconductor (TI) SC1100 Datasheet HTML 235Page - National Semiconductor (TI) SC1100 Datasheet HTML 236Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 348 page
background image
www.national.com
232
Revision 1.1
Core Logic Module (Continued)
5.4.4.1
XpressAUDIO Support Registers
F3 Index 10h, Base Address Register 0 (F3BAR0), points
to the base address of where the registers for XpressAU-
DIO support are located. Table 5-38 gives the bit formats of
the memory mapped XpressAUDIO configuration registers
that are accessed through F3BAR0.
Table 5-38. F3BAR0+Memory Offset: XpressAUDIO Configuration Registers
Bit
Description
Offset 00h-03h
Codec GPIO Status Register (R/W)
Reset Value: 00000000h
31
Codec GPIO Interface.
0: Disable.
1: Enable.
30
Codec GPIO SMI. When asserted, allows codec GPIO interrupt to generate an SMI.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[1].
Second level SMI status is reported at F3BAR0+Memory Offset 10h/12h[1].
29:21
Reserved. Must be set to 0.
20
Codec GPIO Status Valid. (Read Only) Indicates if the status read is valid.
0: Yes.
1: No.
19:0
Codec GPIO Pin Status. (Read Only) This field indicates the GPIO pin status that is received from the codec in slot 12 on
the SDATA_IN (ball AF22) signal.
Offset 04h-07h
Codec GPIO Control Register (R/W)
Reset Value: 00000000h
31:20
Reserved. Must be set to 0.
19:0
Codec GPIO Pin Data. This field indicates the GPIO pin data that is sent to the codec in slot 12 on the SDATA_OUT (ball
AD22) signal.
Offset 08h-0Bh
Codec Status Register (R/W)
Reset Value: 00000000h
31:24
Codec Status Address. (Read Only) Address of the register for which status is being returned. This address comes from
slot 1 bits [19:12].
23
Codec Serial INT Enable. When asserted, allows codec serial interrupt to cause an SMI.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[1].
Second level SMI status is reported at F3BAR0+Memory Offset 10h/12h[1].
22
SYNC Signal. Sets SYNC (ball AE22) high or low.
0: Low.
1: High.
21
Reserved. Must be set to 0.
20
Audio Bus Master 5 AC97 Slot Select. Selects slot for Audio Bus Master 5 to receive data.
0: Slot 6.
1: Slot 11.
19
Audio Bus Master 4 AC97 Slot Select. Selects slot for Audio Bus Master 4 to transmit data.
0: Slot 6.
1: Slot 11.
18
Reserved. Must be set to 0.
17
Status Tag. (Read Only) The codec status data in bits [15:0] of this register is updated in the current AC97 frame. (codec
ready, slot1 and slot2 bits in tag slot are all set in current AC97 frame).
0: Not new.
1: New, updated in current frame.
16
Codec Status Valid. (Read Only) Indicates if the status in bits [15:0] of this register is valid. This bit is high during slots 3 to
11 of the AC97 frame (i.e., for approximately 14.5 µs), for every frame.
0: No.
1: Yes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com