Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 236 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 236 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 232Page - National Semiconductor (TI) SC1100 Datasheet HTML 233Page - National Semiconductor (TI) SC1100 Datasheet HTML 234Page - National Semiconductor (TI) SC1100 Datasheet HTML 235Page - National Semiconductor (TI) SC1100 Datasheet HTML 236Page - National Semiconductor (TI) SC1100 Datasheet HTML 237Page - National Semiconductor (TI) SC1100 Datasheet HTML 238Page - National Semiconductor (TI) SC1100 Datasheet HTML 239Page - National Semiconductor (TI) SC1100 Datasheet HTML 240Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 348 page
background image
www.national.com
236
Revision 1.1
Core Logic Module (Continued)
11
MPU Trap SMI Status. (Read to Clear) Indicates if an SMI was caused by a trapped I/O access to the MPU I/O Trap.
0: No.
1: Yes. (See the note included in the general description of this register above.)
This is the third level of SMI status reporting.
Second level of SMI status is reported at F3BAR0+Memory Offset 10h/12h[0].
Top level is reported at F1BAR0+I/O Offset 00h/02h[1].
SMI generation enabling is at F3BAR0+Memory Offset 18h[6:5].
10
Sound Card or FM Trap SMI Status. (Read to Clear) Indicates if an SMI was caused by a trapped I/O access to the Sound
Card or FM I/O Trap.
0: No.
1: Yes. (See the note included in the general description of this register above.)
Fast Path Write must be disabled, F3BAR0+Memory Offset 18h[11] = 0, for the SMI to be reported here. If Fast Path Write is
enabled, the SMI is reported in bit 13 of this register.
This is the third level of SMI status reporting.
Second level of SMI status is reported at F3BAR0+Memory Offset 10h/12h[0].
Top level is reported at F1BAR0+I/O Offset 00h/02h[1].
SMI generation enabling is at F3BAR0+Memory Offset 18h[2].
9:0
X-Bus Address (Read Only). This bit field contains the captured ten bits of X-Bus address.
Offset 18h-19h
I/O Trap SMI Enable Register (R/W)
Reset Value: 0000h
15:12
Reserved. Must be set to 0.
11
Fast Path Write Enable. Fast Path Write (an SMI is not generated on certain writes to specified addresses).
0: Disable.
1: Enable.
In Fast Path Write, the Core Logic module responds to writes to addresses: 388h, 38Ah, 38B, 2x0h, 2x2h, and 2x8h.
10:9
Fast Read. These two bits hold part of the response that the Core Logic module returns for reads to several I/O locations.
8
High DMA I/O Trap. If this bit is enabled and an access occurs at I/O Port C0h-DFh, an SMI is generated.
0:
Disable.
1:
Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[1].
Second level SMI status is reported at F3BAR0+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR0+Memory Offset 14h[12].
7
Low DMA I/O Trap. If this bit is enabled and an access occurs at I/O Port 00h-0Fh, an SMI is generated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[1].
Second level SMI status is reported at F3BAR0+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR0+Memory Offset 14h[12].
6
High MPU I/O Trap. If this bit is enabled and an access occurs at I/O Port 330h-331h, an SMI is generated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[1].
Second level SMI status is reported at F3BAR0+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR0+Memory Offset 14h[11].
5
Low MPU I/O Trap. If this bit is enabled and an access occurs at I/O Port 300h-301h, an SMI is generated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[1].
Second level SMI status is reported at F3BAR0+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR0+Memory Offset 14h[11].
Table 5-38. F3BAR0+Memory Offset: XpressAUDIO Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com