Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 237 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 237 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 233Page - National Semiconductor (TI) SC1100 Datasheet HTML 234Page - National Semiconductor (TI) SC1100 Datasheet HTML 235Page - National Semiconductor (TI) SC1100 Datasheet HTML 236Page - National Semiconductor (TI) SC1100 Datasheet HTML 237Page - National Semiconductor (TI) SC1100 Datasheet HTML 238Page - National Semiconductor (TI) SC1100 Datasheet HTML 239Page - National Semiconductor (TI) SC1100 Datasheet HTML 240Page - National Semiconductor (TI) SC1100 Datasheet HTML 241Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 348 page
background image
Revision 1.1
237
www.national.com
Core Logic Module (Continued)
4
Fast Path Read Enable/SMI Disable. When asserted, read Fast Path (an SMI is not generated on reads from specified
addresses).
0: Disable.
1: Enable.
In Fast Path Read the Core Logic module responds to reads of addresses: 388h-38Bh; 2x0h, 2x1, 2x2h, 2x3, 2x8 and 2x9h.
If neither sound card nor FM I/O mapping is enabled, then status read trapping is not possible.
3
FM I/O Trap. If this bit is enabled and an access occurs at I/O Port 388h-38Bh, an SMI is generated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[1].
Second level SMI status is reported at F3BAR0+Memory Offset 10h/12h[0].
2
Sound Card I/O Trap. If this bit is enabled and an access occurs in the address ranges selected by bits [1:0], an SMI is gen-
erated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[1].
Second level SMI status is reported at F3BAR0+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR0+Memory Offset 14h[10].
1:0
Sound Card Address Range Select. These bits select the address range for the sound card I/O trap.
00: I/O Port 220h-22Fh
10: I/O Port 260h-26Fh
01: I/O Port 240h-24Fh
11: I/O Port 280h-28Fh
Offset 1Ah-1Bh
Internal IRQ Enable Register (R/W)
Reset Value: 0000h
15
IRQ15 Internal. Configures IRQ15 for internal (software) or external (hardware) use.
0: External.
1: Internal.
14
IRQ14 Internal. Configures IRQ14 for internal (software) or external (hardware) use.
0: External.
1: Internal.
13
Reserved. Must be set to 0.
12
IRQ12 Internal. Configures IRQ12 for internal (software) or external (hardware) use.
0: External.
1: Internal.
11
IRQ11 Internal. Configures IRQ11 for internal (software) or external (hardware) use.
0: External.
1: Internal.
10
IRQ10 Internal. Configures IRQ10 for internal (software) or external (hardware) use.
0: External.
1: Internal.
9
IRQ9 Internal. Configures IRQ9 for internal (software) or external (hardware) use.
0: External.
1: Internal.
8
Reserved. Must be set to 0.
7
IRQ7 Internal. Configures IRQ7 for internal (software) or external (hardware) use.
0: External.
1: Internal.
6
Reserved. Must be set to 0.
5
IRQ5 Internal. Configures IRQ5 for internal (software) or external (hardware) use.
0: External.
1: Internal.
Table 5-38. F3BAR0+Memory Offset: XpressAUDIO Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com