Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 239 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 239 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 235Page - National Semiconductor (TI) SC1100 Datasheet HTML 236Page - National Semiconductor (TI) SC1100 Datasheet HTML 237Page - National Semiconductor (TI) SC1100 Datasheet HTML 238Page - National Semiconductor (TI) SC1100 Datasheet HTML 239Page - National Semiconductor (TI) SC1100 Datasheet HTML 240Page - National Semiconductor (TI) SC1100 Datasheet HTML 241Page - National Semiconductor (TI) SC1100 Datasheet HTML 242Page - National Semiconductor (TI) SC1100 Datasheet HTML 243Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 348 page
background image
Revision 1.1
239
www.national.com
Core Logic Module (Continued)
13
Reserved. Set to 0.
12
Assert Masked Internal IRQ12.
0: Disable.
1: Enable.
11
Assert masked internal IRQ11.
0: Disable.
1: Enable.
10
Assert Masked Internal IRQ10.
0: Disable.
1: Enable.
9
Assert Masked Internal IRQ9.
0: Disable.
1: Enable.
8
Reserved. Set to 0.
7
Assert Masked Internal IRQ7.
0: Disable.
1: Enable.
6
Reserved. Set to 0.
5
Assert Masked Internal IRQ5.
0: Disable.
1: Enable.
4
Assert Masked Internal IRQ4.
0: Disable.
1: Enable.
3
Assert Masked Internal IRQ3.
0: Disable.
1: Enable.
2:0
Reserved. Must be set to 0.
Offset 20h
Audio Bus Master 0 Command Register (R/W)
Reset Value: 00h
Audio Bus Master 0: Output to codec; 32-bit; Left and Right Channels; Slots 3 and 4.
7:4
Reserved. Must be set to 0. Must return 0 on reads.
3
Read or Write Control. Sets the transfer direction of the Audio Bus Master.
0: PCI reads are performed.
1: PCI writes are performed.
This bit must be set to 0 (read), and should not be changed when the bus master is active.
2:1
Reserved. Must be set to 0. Must return 0 on reads.
0
Bus Master Control. Controls the state of the Audio Bus Master.
0: Disable.
1: Enable.
Setting this bit to 1 enables the bus master to begin data transfers.
When writing 0 to this bit, the bus master must either be paused, or reach EOT. Writing 0 to this bit while the bus master is
operating may result in unpredictable behavior (and may crash the bus master state machine). The only recovery from such
unpredictable behavior is a PCI reset.
Table 5-38. F3BAR0+Memory Offset: XpressAUDIO Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com