Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 235 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 235 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 231Page - National Semiconductor (TI) SC1100 Datasheet HTML 232Page - National Semiconductor (TI) SC1100 Datasheet HTML 233Page - National Semiconductor (TI) SC1100 Datasheet HTML 234Page - National Semiconductor (TI) SC1100 Datasheet HTML 235Page - National Semiconductor (TI) SC1100 Datasheet HTML 236Page - National Semiconductor (TI) SC1100 Datasheet HTML 237Page - National Semiconductor (TI) SC1100 Datasheet HTML 238Page - National Semiconductor (TI) SC1100 Datasheet HTML 239Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 348 page
background image
Revision 1.1
235
www.national.com
Core Logic Module (Continued)
3
Audio Bus Master 1 SMI Status. Indicates if an SMI was caused by an event occurring on Audio Bus Master 1.
0: No.
1: Yes.
SMI generation is enabled when Audio Bus Master 1 is enabled (F3BAR0+Memory Offset 28h[0] = 1). An SMI is then gen-
erated when the End of Page bit is set in the SMI Status Register (F3BAR0+Memory Offset 29h[0] = 1). The End of Page bit
must be cleared before this bit can be cleared.
2
Audio Bus Master 0 SMI Status. Indicates if an SMI was caused by an event occurring on Audio Bus Master 0.
0: No.
1: Yes.
SMI generation is enabled when Audio Bus Master 0 is enabled (F3BAR0+Memory Offset 20h[0] = 1). An SMI is then gen-
erated when the End of Page bit is set in the SMI Status Register (F3BAR0+Memory Offset 21h[0] = 1). The End of Page bit
must be cleared before this bit can be cleared.
1
Codec Serial or GPIO Interrupt SMI Status. Indicates if an SMI was caused by a serial or GPIO interrupt from codec.
0: No.
1: Yes.
SMI generation enabling for codec serial interrupt: F3BAR0+Memory Offset 08h[23] = 1.
SMI generation enabling for codec GPIO interrupt: F3BAR0+Memory Offset 00h[30] = 1.
0
I/O Trap SMI Status. Indicates if an SMI was caused by an I/O trap.
0: No.
1: Yes.
The next level (third level) of SMI status reporting is at F3BAR0+Memory Offset 14h.
Offset 14h-17h
I/O Trap SMI and Fast Write Status Register (RO/RC)
Reset Value: 00000000h
Note:
For the four SMI status bits (bits [13:10]), if the activity was a fast write to an even address, no SMI is generated regardless of
the DMA, MPU, or Sound Card status. If the activity was a fast write to an odd address, an SMI is generated but bit 13 is set to
a 1.
31:24
Fast Path Write Even Access Data. (Read Only) This bit field contains the data from the last Fast Path Write Even access.
These bits change only on a fast write to an even address.
23:16
Fast Path Write Odd Access Data. (Read Only) This bit field contains the data from the last Fast Path Write Odd access.
These bits change on a fast write to an odd address, and also on any non-fast write.
15
Fast Write A1. (Read Only) This bit contains the A1 value for the last Fast Write access.
14
Read or Write I/O Access. (Read Only) Indicates if the last trapped I/O access was a read or a write.
0: Read.
1: Write.
13
Sound Card or FM Trap SMI Status. (Read to Clear) Indicates if an SMI was caused by a trapped I/O access to the Sound
Card or FM I/O Trap.
0: No.
1: Yes. (See the note included in the general description of this register above.)
Fast Path Write must be enabled, F3BAR0+Memory Offset 18h[11] = 1, for the SMI to be reported here. If Fast Path Write is
disabled, the SMI is reported in bit 10 of this register.
This is the third level of SMI status reporting.
Second level SMI status is reported at F3BAR0+Memory Offset 10h/12h[0].
Top level is reported at F1BAR0+I/O Offset 00h/02h[1].
SMI generation enabling is at F3BAR0+Memory Offset 18h[2].
12
DMA Trap SMI Status. (Read to Clear) Indicates if an SMI was caused by a trapped I/O access to the DMA I/O Trap.
0: No.
1: Yes. (See the note included in the general description of this register above.)
This is the third level of SMI status reporting.
Second level SMI status is reported at F3BAR0+Memory Offset 10h/12h[0].
Top level is reported at F1BAR0+I/O Offset 00h/02h[1].
SMI generation enabling is at F3BAR0+Memory Offset 18h[8:7].
Table 5-38. F3BAR0+Memory Offset: XpressAUDIO Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com