Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 233 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 233 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 229Page - National Semiconductor (TI) SC1100 Datasheet HTML 230Page - National Semiconductor (TI) SC1100 Datasheet HTML 231Page - National Semiconductor (TI) SC1100 Datasheet HTML 232Page - National Semiconductor (TI) SC1100 Datasheet HTML 233Page - National Semiconductor (TI) SC1100 Datasheet HTML 234Page - National Semiconductor (TI) SC1100 Datasheet HTML 235Page - National Semiconductor (TI) SC1100 Datasheet HTML 236Page - National Semiconductor (TI) SC1100 Datasheet HTML 237Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 348 page
background image
Revision 1.1
233
www.national.com
Core Logic Module (Continued)
15:0
Codec Status. (Read Only) This is the codec status data that is received from the codec in slot 2 on SDATA_IN. Only bits
[19:4] are used from slot 2. If this register is read with both bits 16 and 17, this register is set to 1, this field is updated in the
current AC97 frame, and codec status data is valid. This bit field is updated only if the codec sent status data.
Offset 0Ch-0Fh
Codec Command Register (R/W)
Reset Value: 00000000h
31:24
Codec Command Address. Address of the codec control register for which the command is being sent. This address goes
in slot, 1 bits [19:12] on SDATA_OUT (ball AD22).
23:22
Codec Communication. Indicates the codec that the Core Logic module is communicating with.
00: Primary codec.
01: Secondary codec.
10: Third codec.
11: Fourth codec.
Only 00 and 01 are valid settings for this bit field.
21:17
Reserved. Must be set to 0.
16
Codec Command Valid. (Read Only) Indicates if the command in bits [15:0] of this register is valid.
0: No.
1: Yes.
This bit is set by hardware when a command is loaded. It remains set until the command has been sent to the codec.
This bit is also set to 1 when written to.
15:0
Codec Command. This is the command being sent to the codec in bits [19:4] of slot 2 on SDATA_OUT (ball AD22).
Offset 10h-11h
Second Level Audio SMI Status Register (RC)
Reset Value: 0000h
The bits in this register contain second level SMI status reporting. Top level is reported at F1BAR0+I/O Offset 00h/02h[1]. Reading this
register clears the status bits at both the second and top levels. Note that bit 0 has a third level of status reporting which also must be
"read to clear".
A read-only “Mirror” version of this register exists at F3BAR0+I/O Memory Offset 12h. If the value of the register must be read without
clearing the SMI source (and consequently deasserting SMI), F3BAR0+Memory Offset 12h can be read instead.
15:8
Reserved. Must be set to 0.
7
Audio Bus Master 5 SMI Status. Indicates if an SMI was caused by an event occurring on Audio Bus Master 5.
0: No.
1: Yes.
SMI generation is enabled when Audio Bus Master 5 is enabled (F3BAR0+Memory Offset 48h[0] = 1).
An SMI is then generated when the End of Page bit is set in the Audio Bus Master 5 SMI Status Register (F3BAR0+Memory
Offset 49h[0] = 1).
6
Audio Bus Master 4 SMI Status. Indicates if an SMI was caused by an event occurring on Audio Bus Master 4.
0: No.
1: Yes.
SMI generation is enabled when Audio Bus Master 4 is enabled (F3BAR0+Memory Offset 40h[0] = 1).
An SMI is then generated when the End of Page bit is set in the Audio Bus Master 4 SMI Status Register (F3BAR0+Memory
Offset 41h[0] = 1).
5
Audio Bus Master 3 SMI Status. Indicates if an SMI was caused by an event occurring on Audio Bus Master 3.
0: No.
1: Yes.
SMI generation is enabled when Audio Bus Master 3 is enabled (F3BAR0+Memory Offset 38h[0] = 1).
An SMI is then generated when the End of Page bit is set in the Audio Bus Master 3 SMI Status Register (F3BAR0+Memory
Offset 39h[0] = 1).
4
Audio Bus Master 2 SMI Status. Indicates if an SMI was caused by an event occurring on Audio Bus Master 2.
0: No.
1: Yes.
SMI generation is enabled when Audio Bus Master 2 is enabled (F3BAR0+Memory Offset 30h[0] = 1).
An SMI is then generated when the End of Page bit is set in the Audio Bus Master 2 SMI Status Register (F3BAR0+Memory
Offset 31h[0] = 1).
Table 5-38. F3BAR0+Memory Offset: XpressAUDIO Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com