Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 301 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 301 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 297Page - National Semiconductor (TI) SC1100 Datasheet HTML 298Page - National Semiconductor (TI) SC1100 Datasheet HTML 299Page - National Semiconductor (TI) SC1100 Datasheet HTML 300Page - National Semiconductor (TI) SC1100 Datasheet HTML 301Page - National Semiconductor (TI) SC1100 Datasheet HTML 302Page - National Semiconductor (TI) SC1100 Datasheet HTML 303Page - National Semiconductor (TI) SC1100 Datasheet HTML 304Page - National Semiconductor (TI) SC1100 Datasheet HTML 305Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 348 page
background image
Revision 1.1
301
www.national.com
Electrical Specifications (Continued)
Figure 7-13. Load Circuits for Maximum Time Measurements
7.3.3.1
Measurement and Test Conditions
Table 7-15. Measurement Condition Parameters
Symbol
Value
Unit
VTH
1
1.
The input test is performed with 0.1 VIO of overdrive. Timing parameters must not exceed this overdrive.
0.6 VIO
V
VTL
1
0.2 VIO
V
VTEST
0.4 VIO
V
VSTEP (Rising Edge)
0.285 VIO
V
VSTEP (Falling Edge)
0.615 VIO
V
VMAX
2
2.
VMAX specifies the maximum peak-to-peak waveform allowed for measuring input timing.
0.4 VIO
V
Input Signal Edge Rate
1
V/ns
Output
Buffer
Output
Buffer
VCC
25
Ω
25
Ω
10 pF
10 pF
0.5" max.
0.5" max.
Pin
tVAL (Max) Rising Edge
tVAL (Max) Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com