Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 132Page - National Semiconductor (TI) SC1100 Datasheet HTML 133Page - National Semiconductor (TI) SC1100 Datasheet HTML 134Page - National Semiconductor (TI) SC1100 Datasheet HTML 135Page - National Semiconductor (TI) SC1100 Datasheet HTML 136Page - National Semiconductor (TI) SC1100 Datasheet HTML 137Page - National Semiconductor (TI) SC1100 Datasheet HTML 138Page - National Semiconductor (TI) SC1100 Datasheet HTML 139Page - National Semiconductor (TI) SC1100 Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 348 page
background image
www.national.com
136
Revision 1.1
Core Logic Module (Continued)
5.2.9.3
Power Planes Control
The SC1100 supports up to three power planes. Three sig-
nals are used to control these power planes. Table 5-6
describes the signals and when each is asserted.
These signals allow control of the power of system devices
and the SC1100 itself. Table 5-7 describes the SC1100
power planes with respect to the different Sleep and Global
states.
The SC1100 power planes are controlled externally by the
three signals (i.e., the system designer should make sure
the system design is such that Table 5-7 is met) for all sup-
ported Sleep states.
VSB and VBAT are not controlled by any control signal. VSB
exists as long as the AC power is plugged in (for desktop
systems) or the main battery is charged (for mobile sys-
tems). VBAT exists as long as the RTC battery is charged.
The case in which VSB does not exist is called Mechanical
Off (G3).
5.2.9.4
Power Management Events
The SC1100 supports power management events that can
manage:
• Transition of the system from a Sleep state to a Work
state. This is done by the hardware. These events are
defined as wakeup events.
• Enabled wakeup events to set the WAK_STS bit
(F1BAR1+I/O Offset 08h[15]) to 1, when transitioning
the system back to the working state.
• Generation of an interrupt. This invokes the relevant
software driver. The interrupt can either be an SMI or
SCI (selected by the SCI_EN bit, F1BAR1+I/O Offset
0Ch[0]). These events are defined as interrupt events.
Table 5-8 lists the power management events that can gen-
erate an SCI or SMI.
Table 5-6. Power Planes Control Signals vs.
Sleep States
Signal
S0
SL1
SL2
SL3
SL4
and
SL5
PWRCNT1
11000
PWRCNT2
11100
ONCTL#
00001
Table 5-7. Power Planes vs. Sleep/Global States
Sleep/
Global
State
VCORE, VI/O,
VPLL
VSB, VSBL
VBAT
S0, SL1 and
SL2
On
On
On or Off
SL3, SL4
and SL5
Off
On
On or Off
G3
Off
Off
On
No Power
Off
Off
Off
Illegal
On
Off
On or Off
Table 5-8. Power Management Events
Event
SCI
SMI
Power Button
Yes
Yes
Power Button Override
Yes
-
Bus Master Request
Yes
-
Thermal Monitoring
Yes
Yes
USB
Yes
Yes
RTC
Yes
Yes
ACPI Timer
Yes
Yes
GPIO
Yes
Yes
IRRX1
Yes
Yes
RI2#
Yes
Yes
GPWIO
Yes
Yes
Internal SMI signal
Yes
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com