Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 128Page - National Semiconductor (TI) SC1100 Datasheet HTML 129Page - National Semiconductor (TI) SC1100 Datasheet HTML 130Page - National Semiconductor (TI) SC1100 Datasheet HTML 131Page - National Semiconductor (TI) SC1100 Datasheet HTML 132Page - National Semiconductor (TI) SC1100 Datasheet HTML 133Page - National Semiconductor (TI) SC1100 Datasheet HTML 134Page - National Semiconductor (TI) SC1100 Datasheet HTML 135Page - National Semiconductor (TI) SC1100 Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 348 page
background image
www.national.com
132
Revision 1.1
Core Logic Module (Continued)
5.2.7
I/O Ports 092h and 061h System Control
The Core Logic module supports control functions of I/O
Ports 092h (Port A) and 061h (Port B) for PS/2 compatibil-
ity. I/O Port 092h allows a fast assertion of the A20M# or
CPU_RST. (CPU_RST is an internal signal that resets the
CPU. It is asserted for 100 µs after the negation of POR#.)
I/O Port 061h controls NMI generation and reports system
status.The Core Logic module generates an SMI for every
internal change of the A20M# state and the SMI handler
sets the A20M# state inside the GX1 module. This method
is used for both the Port 092h (PS/2) and Port 061h (key-
board) methods of controlling A20M#.
5.2.7.1
I/O Port 092h System Control
I/O Port 092h allows for a fast keyboard assertion of an
A20# SMI and a fast keyboard CPU reset. Decoding for this
register may be disabled via F0 Index 52h[3].
The assertion of a fast keyboard A20# SMI is controlled by
either I/O Port 092h or by monitoring for the keyboard com-
mand sequence (see Section 5.2.8.1 "Fast Keyboard Gate
Address 20 and CPU Reset" on page 133). If bit 1 of I/O
Port 092h is cleared, the Core Logic module internally
asserts an
A20M#, which in turn causes an SMI to the
GX1 module. If bit 1 is set, A20M# is internally deasserted,
again causing an SMI.
The assertion of a fast keyboard reset (WM_RST SMI) is
controlled by bit 0 in I/O Port 092h or by monitoring for the
keyboard command sequence (write data = FEh to I/O port
64h). If bit 0 is changed from 0 to 1, the Core Logic module
generates a reset to the GX1 module by generating a
WM_RST SMI. When the WM_RST SMI occurs, the BIOS
jumps to the Warm Reset vector. Note that Warm Reset is
not a pin, it is under SMI control.
5.2.7.2
I/O Port 061h System Control
Through I/O Port 061h, the speaker output can be enabled,
the status of IOCHK and SERR can be read, and the state
of the speaker data (Timer2 output) and refresh toggle
(Timer1 output) can be read back.
5.2.7.3
SMI Generation for NMI
Figure 5-10 shows how the Core Logic module can gener-
ate an SMI for an NMI. Note that NMI is not a pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com